Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4940 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4940
Description  6W Stereo Audio Power Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4940 Datasheet(HTML) 4 Page - Texas Instruments

  LM4940_14 Datasheet HTML 1Page - Texas Instruments LM4940_14 Datasheet HTML 2Page - Texas Instruments LM4940_14 Datasheet HTML 3Page - Texas Instruments LM4940_14 Datasheet HTML 4Page - Texas Instruments LM4940_14 Datasheet HTML 5Page - Texas Instruments LM4940_14 Datasheet HTML 6Page - Texas Instruments LM4940_14 Datasheet HTML 7Page - Texas Instruments LM4940_14 Datasheet HTML 8Page - Texas Instruments LM4940_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM4940
SNAS219B – MAY 2004 – REVISED MARCH 2011
www.ti.com
ELECTRICAL CHARACTERISTICS VDD = 12V
(1) (2)
The following specifications apply for VDD = 12V, AV = 10, RL = 4Ω, f = 1kHz unless otherwise specified. Limits apply for TA =
25°C.
LM4940
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
IDD
Quiescent Power Supply Current
VIN = 0V, IO = 0A, No Load
16
40
mA (max)
ISD
Shutdown Current
VSHUTDOWN = GND
(6)
40
100
µA (max)
2.0
V (min)
VSDIH
Shutdown Voltage Input High
VDD/2
V (max)
VSDIL
Shutdown Voltage Input Low
0.4
V (max)
Single Channel
THD+N = 1%
3.1
2.8
PO
Output Power
W (min)
THD+N = 10%
4.2
VDD = 14.4V, THD+N = 10%
6.0
THD+N
Total Harmomic Distortion + Noise
PO = 1WRMS, AV = 10, f = 1kHz
0.15
%
A-Weighted Filter, VIN = 0V,
εOS
Output Noise
10
µV
Input Referred
XTALK
Channel Separation
PO = 1W
70
dB
VRIPPLE = 200mVp-p
PSRR
Power Supply Rejection Ratio
56
dB
fRIPPLE = 1kHz
(1)
All voltages are measured with respect to the GND pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure performance limits. This assumes that the device is within the Operating
Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication of device
performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
Shutdown current is measured in a normal room environment. The Shutdown pin should be driven as close as possible to GND for
minimum shutdown current.
TYPICAL APPLICATION
Figure 2. Typical Stereo Audio Amplifier Application Circuit
4
Submit Documentation Feedback
Copyright © 2004–2011, Texas Instruments Incorporated
Product Folder Links: LM4940


Similar Part No. - LM4940_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4940TS/NOPB TI1-LM4940TS/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
LM4940TSX TI1-LM4940TSX Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
LM4940TSX/NOPB TI1-LM4940TSX/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
More results

Similar Description - LM4940_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4940TSX TI1-LM4940TSX Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2607 ANPEC-APA2607 Datasheet
571Kb / 26P
   6W Stereo Class-D Audio Power Amplifier
APA2613 ANPEC-APA2613 Datasheet
473Kb / 25P
   6W Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA402DS ETC1-TMPA402DS Datasheet
236Kb / 13P
   6W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD1519B YOUDA-YD1519B Datasheet
96Kb / 6P
   6W STEREO POWER AMPLIFIER
CTC810 YOUDA-CTC810 Datasheet
119Kb / 4P
   6W AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4940 NSC-LM4940 Datasheet
1Mb / 14P
   6W Streo Audio Power Amplifier
logo
STMicroelectronics
TDA2007A STMICROELECTRONICS-TDA2007A Datasheet
110Kb / 7P
   6 6W STEREO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8606 PAM-PAM8606 Datasheet
292Kb / 16P
   6W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
   Stereo Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com