Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4928 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM4928
Description  Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4928 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4928_14 Datasheet HTML 6Page - Texas Instruments LM4928_14 Datasheet HTML 7Page - Texas Instruments LM4928_14 Datasheet HTML 8Page - Texas Instruments LM4928_14 Datasheet HTML 9Page - Texas Instruments LM4928_14 Datasheet HTML 10Page - Texas Instruments LM4928_14 Datasheet HTML 11Page - Texas Instruments LM4928_14 Datasheet HTML 12Page - Texas Instruments LM4928_14 Datasheet HTML 13Page - Texas Instruments LM4928_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
20
100
10k
-100
-80
-50
-10
0
FREQUENCY (Hz)
20k
1k
-20
-30
-40
-90
-70
-60
20
100
10k
-100
-80
-50
-10
0
FREQUENCY (Hz)
20k
1k
-20
-30
-40
-90
-70
-60
20
100
10k
-100
-80
-50
-10
0
FREQUENCY (Hz)
20k
1k
-20
-30
-40
-90
-70
-60
20
100
10k
-100
-80
-50
-10
0
FREQUENCY (Hz)
20k
1k
-20
-30
-40
-90
-70
-60
20
100
10k
-100
-80
-50
-10
0
FREQUENCY (Hz)
20k
1k
-20
-30
-40
-90
-70
-60
20
100
10k
-100
-80
-50
-10
0
FREQUENCY (Hz)
20k
1k
-20
-30
-40
-90
-70
-60
LM4928
SNAS330D – DECEMBER 2005 – REVISED FEBRUARY 2006
www.ti.com
Typical Performance Characteristics
(1) (continued)
CMRR vs Frequency
CMRR vs Frequency
VDD = 3V, RL = 8Ω
VDD = 5V, RL = 8Ω
Figure 22.
Figure 23.
Crosstalk vs Frequency
Crosstalk vs Frequency
VDD = 5V, RL = 8Ω, PO = 1W
VDD = 5V, RL = 4Ω, PO = 1W
Top = Vin Left driven, Vout Right measured
Top = Vin Left driven, Vout Right measured
Bot = Vin Right driven, Vout Left measured
Bot = Vin Right driven, Vout Left measured
Figure 24.
Figure 25.
Crosstalk vs Frequency
Crosstalk vs Frequency
VDD = 3V, RL = 4Ω, PO = 500mW
VDD = 3V, RL = 8Ω, PO = 250mW
Top = Vin Left driven, Vout Right measured
Top = Vin Left driven, Vout Right measured
Bot = Vin Right driven, Vout Left measured
Bot = Vin Right driven, Vout Left measured
Figure 26.
Figure 27.
10
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Links: LM4928


Similar Part No. - LM4928_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4928SD NSC-LM4928SD Datasheet
1,004Kb / 20P
   1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
LM4928TL NSC-LM4928TL Datasheet
1,004Kb / 20P
   1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
More results

Similar Description - LM4928_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4928 NSC-LM4928 Datasheet
1,004Kb / 20P
   1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
logo
Texas Instruments
LM4941 TI1-LM4941 Datasheet
974Kb / 21P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
National Semiconductor ...
LM4941 NSC-LM4941 Datasheet
714Kb / 13P
   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
Texas Instruments
LM4941 TI1-LM4941_14 Datasheet
965Kb / 23P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
National Semiconductor ...
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
   2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
Texas Instruments
LM4898 TI1-LM4898_14 Datasheet
1Mb / 23P
[Old version datasheet]   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
National Semiconductor ...
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898 NSC-LM4898 Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com