Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4906MMBD Datasheet(PDF) 7 Page - Texas Instruments

Part # LM4906MMBD
Description  1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4906MMBD Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4906MMBD Datasheet HTML 3Page - Texas Instruments LM4906MMBD Datasheet HTML 4Page - Texas Instruments LM4906MMBD Datasheet HTML 5Page - Texas Instruments LM4906MMBD Datasheet HTML 6Page - Texas Instruments LM4906MMBD Datasheet HTML 7Page - Texas Instruments LM4906MMBD Datasheet HTML 8Page - Texas Instruments LM4906MMBD Datasheet HTML 9Page - Texas Instruments LM4906MMBD Datasheet HTML 10Page - Texas Instruments LM4906MMBD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
0.0
1.0
2.0
3.0
4.0
SHUTDOWN VOLTAGE (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.0
1.0
2.0
3.0
4.0
SHUTDOWN VOLTAGE (V)
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40
OUTPUT POWER (W)
0.00
0.05
0.10
0.15
0.20
0.25
0.0
0.2
0.4
0.6
0.8
1.0
1.2
OUTPUT POWER (W)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
LM4906, LM4906LDBD, LM4906MMBD
www.ti.com
SNAS191D – MAY 2004 – REVISED JANUARY 2005
Typical Performance Characteristics (continued)
Noise Floor
VDD = 5V, RL = 8Ω
80kHz Bandwith, Input to GND
Power Derating Curve
Figure 10.
Figure 11.
Power Dissipation
Power Dissipation
vs Output Power, VDD = 3V, RL = 8Ω
vs Output Power, VDD = 5V, RL = 8Ω
Figure 12.
Figure 13.
Shutdown Hysteresis Voltage
Shutdown Hysteresis Voltage
VDD = 5V, SD Mode = VDD (High)
VDD = 5V, SD Mode = VDD (Low)
Figure 14.
Figure 15.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4906 LM4906LDBD LM4906MMBD


Similar Part No. - LM4906MMBD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4906MM NSC-LM4906MM Datasheet
468Kb / 15P
   1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
Texas Instruments
LM4906MM/NOPB TI1-LM4906MM/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
More results

Similar Description - LM4906MMBD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4906 NSC-LM4906 Datasheet
468Kb / 15P
   1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
Texas Instruments
LM4906 TI1-LM4906 Datasheet
1Mb / 22P
[Old version datasheet]   1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
STMicroelectronics
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
   1W Differential Input/Output Audio Power Amplifier with Selectable Standby
logo
Unisonic Technologies
PA3212 UTC-PA3212_15 Datasheet
479Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Texas Instruments
TS4994 TI-TS4994_06 Datasheet
485Kb / 35P
[Old version datasheet]   1W differential input/output audio power amplifier with selectable standby
logo
ON Semiconductor
NCP2821 ONSEMI-NCP2821 Datasheet
247Kb / 19P
   2.65 W Filterless with Selectable Gain Class?묭 Audio Amplifier
February, 2006 ??Rev. 0
logo
Unisonic Technologies
PA3312 UTC-PA3312 Datasheet
238Kb / 10P
   DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
NXP Semiconductors
SA58780 PHILIPS-SA58780 Datasheet
137Kb / 15P
   Sense current amplifier with selectable gain
2003 Nov 10
logo
STMicroelectronics
TDA7233S STMICROELECTRONICS-TDA7233S Datasheet
65Kb / 6P
   1W AUDIO AMPLIFIER WITH MUTE
TDA7233D013TR STMICROELECTRONICS-TDA7233D013TR Datasheet
371Kb / 8P
   1W AUDIO AMPLIFIER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com