Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4898 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4898
Description  1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4898 Datasheet(HTML) 3 Page - Texas Instruments

  LM4898 Datasheet HTML 1Page - Texas Instruments LM4898 Datasheet HTML 2Page - Texas Instruments LM4898 Datasheet HTML 3Page - Texas Instruments LM4898 Datasheet HTML 4Page - Texas Instruments LM4898 Datasheet HTML 5Page - Texas Instruments LM4898 Datasheet HTML 6Page - Texas Instruments LM4898 Datasheet HTML 7Page - Texas Instruments LM4898 Datasheet HTML 8Page - Texas Instruments LM4898 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM4898, LM4898MMBD
www.ti.com
SNAS216D – MAY 2004 – REVISED MAY 2004
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 85°C
Supply Voltage
2.4V
≤ VDD ≤ 5.5V
Electrical Characteristics VDD = 5V
(1) (2) (3)
The following specifications apply for VDD = 5V, 8Ω load, and AV = 1V/V, unless otherwise specified. Limits apply for TA =
25°C.
LM4898
Units
Parameter
Test Conditions
(Limits)
Typ(4)
Limit(5)
IDD
Quiescent Power Supply Current
VIN = 0V, no load
3
6
mA (max)
VIN = 0V, RL = 8 Ω
5
10
ISD
Shutdown Current
VSDMODE = VSHUTDOWN = GND
0.1
1
µA (max)
Po
Output Power
THD = 1% (max); f = 1 kHz
LM4898LD, RL= 4Ω
(6)
1.4
W (min)
LM4898, RL= 8Ω
1
0.9
THD+N
Total Harmonic Distortion+Noise
Po = 0.4 Wrms; f = 1kHz
0.05
%
PSRR
Power Supply Rejection Ratio
Vripple = 200mV sine p-p
f = 217Hz (7)
83
dB (min)
f = 1kHz (7)
90
f = 217Hz (8)
83
71
f = 1kHz (8)
83
71
CMRR
Common_Mode Rejection Ratio
f = 217Hz
50
dB
VCM = 200mVDD
VOS
Output Offset
VIN = 0V
2
mV
VSDIH
Shutdown Voltage Input High
SD Mode = GND
0.9
V
VSDIL
Shutdown Voltage Input Low
SD Mode = GND
0.7
V
VSDIH
Shutdown Voltage Input High
SD Mode = VDD
0.9
V
VSDIL
Shutdown Voltage Input Low
SD Mode = VDD
0.7
V
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics VDD = 3V state DC and AC
electrical specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within
the Operating Ratings. Specifications are not specified for parameters where no limit is given, however, the typical value is a good
indication of device performance.
(3)
For DSBGA only, shutdown current is measured in a Normal Room Environment. Exposure to direct sunlight will increase ISD by a
maximum of 2µA.
(4)
Typicals are measured at 25°C and represent the parametric norm.
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
When driving 4
Ω loads from a 5V supply, the LM4898LD must be mounted to a circuit board with the exposed-DAP area soldered down
to a 1sq. in plane of 1oz. copper.
(7)
Unterminated input.
(8)
10
Ω terminated input.
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4898 LM4898MMBD


Similar Part No. - LM4898

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4898 NSC-LM4898 Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898ITL NSC-LM4898ITL Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898ITLX NSC-LM4898ITLX Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898LD NSC-LM4898LD Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898MM NSC-LM4898MM Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
More results

Similar Description - LM4898

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898 NSC-LM4898 Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 NSC-LM4923 Datasheet
433Kb / 12P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4923 TI1-LM4923_14 Datasheet
947Kb / 23P
[Old version datasheet]   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 TI1-LM4923 Datasheet
980Kb / 23P
[Old version datasheet]   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
National Semiconductor ...
LM4899 NSC-LM4899 Datasheet
593Kb / 16P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
LM4895 NSC-LM4895 Datasheet
682Kb / 15P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
   2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
Texas Instruments
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com