Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4898 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM4898
Description  1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4898 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4898_14 Datasheet HTML 3Page - Texas Instruments LM4898_14 Datasheet HTML 4Page - Texas Instruments LM4898_14 Datasheet HTML 5Page - Texas Instruments LM4898_14 Datasheet HTML 6Page - Texas Instruments LM4898_14 Datasheet HTML 7Page - Texas Instruments LM4898_14 Datasheet HTML 8Page - Texas Instruments LM4898_14 Datasheet HTML 9Page - Texas Instruments LM4898_14 Datasheet HTML 10Page - Texas Instruments LM4898_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
20
100
1k
10k
100
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
FREQUENCY (Hz)
20
100
1k
10k
100
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
FREQUENCY (Hz)
10m
100m
1
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
20kHz
1kHz
20Hz
10m
100m
1
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
20kHz
1kHz
20Hz
10m
100m
1
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
20kHz
1kHz
20Hz
10m
100m
1
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
1kHz
20Hz
20kHz
LM4898, LM4898MMBD
www.ti.com
SNAS216D – MAY 2004 – REVISED MAY 2004
Typical Performance Characteristics
Non-NGZ0010B Specific Characteristics (continued)
THD+N vs Output Power
THD+N vs Output Power
VDD = 3V, RL = 8Ω
VDD = 3V, RL = 4Ω
Figure 15.
Figure 16.
THD+N vs Output Power
THD+N vs Output Power
VDD = 2.6V, RL = 8Ω
VDD = 2.6V, RL = 4Ω
Figure 17.
Figure 18.
PSRR vs Frequency
PSRR vs Frequency
VDD = 5V, RL = 8Ω, Input 10Ω Terminated
VDD = 3V, RL = 8Ω, Input 10Ω Terminated
Figure 19.
Figure 20.
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4898 LM4898MMBD


Similar Part No. - LM4898_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4898ITL NSC-LM4898ITL Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898ITLX NSC-LM4898ITLX Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898LD NSC-LM4898LD Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898MM NSC-LM4898MM Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
More results

Similar Description - LM4898_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898 NSC-LM4898 Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 NSC-LM4923 Datasheet
433Kb / 12P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4923 TI1-LM4923_14 Datasheet
947Kb / 23P
[Old version datasheet]   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 TI1-LM4923 Datasheet
980Kb / 23P
[Old version datasheet]   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
National Semiconductor ...
LM4899 NSC-LM4899 Datasheet
593Kb / 16P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
LM4895 NSC-LM4895 Datasheet
682Kb / 15P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
   2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
Texas Instruments
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com