Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4781 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4781
Description  Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4781 Datasheet(HTML) 3 Page - Texas Instruments

  LM4781 Datasheet HTML 1Page - Texas Instruments LM4781 Datasheet HTML 2Page - Texas Instruments LM4781 Datasheet HTML 3Page - Texas Instruments LM4781 Datasheet HTML 4Page - Texas Instruments LM4781 Datasheet HTML 5Page - Texas Instruments LM4781 Datasheet HTML 6Page - Texas Instruments LM4781 Datasheet HTML 7Page - Texas Instruments LM4781 Datasheet HTML 8Page - Texas Instruments LM4781 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LM4781, LM4781TABD
www.ti.com
SNAS208 – MAY 2004
Figure 3. TO-220 Top Marking (Top View)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage |V+| + |V-|
(No Signal)
72V
Supply Voltage |V+| + |V-|
(Input Signal)
70V
Common Mode Input Voltage
(V+ or V-) and
|V+| + |V-|
≤ 60V
Differential Input Voltage(3)
60V
Output Current
Internally Limited
Power Dissipation (4)
125W
ESD Susceptability (5)
2.0kV
ESD Susceptability (6)
200V
Junction Temperature (TJMAX)
(7)
150°C
Soldering Information
TA Package (10 seconds)
260°C
Storage Temperature
-40°C to +150°C
Thermal Resistance(8)
θJA
30°C/W
θJC
0.9°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which guarantee specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not guaranteed for parameters where no limit is given; however, the typical value is a good
indication of device performance.
(2)
All voltages are measured with respect to the ground pins, unless otherwise specified.
(3)
The Differential Input Voltage Absolute Maximum Rating is based on supply voltages V+ = 30V and V-= - 30V.
(4)
The maximum power dissipation must be de-rated at elevated temperatures and is dictated by TJMAX, θJC, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX -TA)/θJC or the number given in the Absolute Maximum Ratings,
whichever is lower. For the LM4781, TJMAX = 150°C and the typical θJC is 0.9°C/W. Refer to the DETERMINING THE CORRECT HEAT
SINK section for more information.
(5)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(6)
Machine Model: a 220pF - 240pF discharged through all pins.
(7)
The maximum operating junction temperature is 150°C. However, the instantaneous Safe Operating Area temperature is 250°C.
(8)
The TA27A is a non-isolated package. The package's metal back and any heat sink to which it is mounted are connected to the V-
potential when using only thermal compound. If a mica washer is used in addition to thermal compound,
θCS (case to sink) is increased,
but the heat sink will be electrically isolated from V-.
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4781 LM4781TABD


Similar Part No. - LM4781

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4781 NSC-LM4781 Datasheet
1Mb / 25P
   Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4781 TI1-LM4781 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
logo
National Semiconductor ...
LM4781TA NSC-LM4781TA Datasheet
1Mb / 25P
   Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4781TA/NOPB TI1-LM4781TA/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
LM4781TABD TI1-LM4781TABD Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
More results

Similar Description - LM4781

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4781 NSC-LM4781 Datasheet
1Mb / 25P
   Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4781 TI1-LM4781 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
LM4782TABD TI1-LM4782TABD Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4782 TI1-LM4782_14 Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
National Semiconductor ...
LM4733 NSC-LM4733 Datasheet
939Kb / 23P
   3 Channel 30W Audio Power Amplifier with Mute
LM4766 NSC-LM4766_06 Datasheet
983Kb / 19P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4782 NSC-LM4782_06 Datasheet
1Mb / 27P
   Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4766 NSC-LM4766 Datasheet
477Kb / 14P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
[Old version datasheet]    Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4734 TI1-LM4734_14 Datasheet
1Mb / 28P
[Old version datasheet]   3 Channel 20W Audio Power Amplifier with Mute and Standby
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com