Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


L-03C0N8SV4T Datasheet(PDF) 5 Page - Johanson Technology Inc.

Part No. L-03C0N8SV4T
Description  RF CERAMIC CHIP INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JOHANSON [Johanson Technology Inc.]
Homepage  http://www.johansontechnology.com
Logo 

   
 5 page
background image
20
www.johansontechnology.com
21
www.johansontechnology.com
www.johansontechnology.com
1.0
10
100
500
0.01
0.1
1.0
10
Frequency (GHz)
47N
27N
15N
6N8
3N3
1N5
INDUCTANCE VS FREQUENCY: SIZE 0402
Frequency (GHz)
1.0
10
100
1000
0.01
0.1
1.0
10
Frequency (GHz)
R10
56N
27N
12N
4N7
2N2
INDUCTANCE VS FREQUENCY: SIZE 0603
Frequency (GHz)
1.0
10
100
1000
0.01
0.1
1.0
10
Frequency (GHz)
R10
56N
27N
12N
4N7
2N2
R15
INDUCTANCE VS FREQUENCY: SIZE 0805
Frequency (GHz)
0
20
40
60
80
100
0.01
0.1
1.0
10
Frequency (GHz)
1N5
3N3
6N8
15N
47N
27N
Q VS FREQUENCY: SIZE 0402
Frequency (GHz)
0
20
40
60
80
100
0.01
0.1
1.0
10
Frequency (GHz)
2N2
4N7
12N
27N
R10
56N
Q VS FREQUENCY: SIZE 0603
Frequency (GHz)
0
50
100
150
0.01
0.1
1.0
10
Frequency (GHz)
2N2
4N7
12N
27N
R10
56N
R15
Q VS FREQUENCY: SIZE 0805
Frequency (GHz)
RF CHARACTERISTICS CHARACTERISTICS (TYPICAL)
MECHANICAL & ENVIRONMENTAL CHARACTERISTICS
SOLDERABILITY:
RESISTANCE TO SOLDERING:
THERMAL SHOCK:
LIFE TEST:
HUMIDITY RESISTANCE:
TERMINAL ADHESION:
PCB DEFLECTION:
SPECIFICATION
TEST PARAMETERS
Solder coverage
≥ 75% of electrodes L=±10% Q=± 20%
Preheat 120±20°C for 1 min. Dip 230±10°C for 3±1 sec.
No apparent damage Solder coverage
≥ 75% L=±10% Q=± 20%
Preheat 120±20°C for 1 min. Dip 260±10°C for 10±1 sec.
No apparent damage L=±10% Q=± 20%
100 cycles: 30±3 minutes @ +100°C then 30±3 min. @ -40°C
No apparent damage L=±10% Q=± 20%
1000 ±48 Hours @ +85±2°C, rated current (1-2 hour recovery)
Inductance change: 2% or .5pF Max
1000 ±48 Hours @ +40±2°C, 90-95% relative humidity,
rated current (1-2 hour recovery)
Termination should not pull off.
Lateral pull force: 0201
≥1.0Lbs 0402 ≥1.6Lbs
Ceramic should remain undamaged.
For 0603
≥ 2.2Lbs For 0805 ≥4.4Lbs
No mechanical damage.
Glass Epoxy PCB: 1 mm deflection




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl