Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8001SL Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # KSZ8001SL
Description  1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8001SL Datasheet(HTML) 1 Page - Micrel Semiconductor

  KSZ8001SL Datasheet HTML 1Page - Micrel Semiconductor KSZ8001SL Datasheet HTML 2Page - Micrel Semiconductor KSZ8001SL Datasheet HTML 3Page - Micrel Semiconductor KSZ8001SL Datasheet HTML 4Page - Micrel Semiconductor KSZ8001SL Datasheet HTML 5Page - Micrel Semiconductor KSZ8001SL Datasheet HTML 6Page - Micrel Semiconductor KSZ8001SL Datasheet HTML 7Page - Micrel Semiconductor KSZ8001SL Datasheet HTML 8Page - Micrel Semiconductor KSZ8001SL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Micrel, Inc.
1849 Fortune Drive San Jose, CA 95131 USA tel + 1 (408) 944-0800 fax + 1 (408) 944-0970 http://www.micrel.com
June 2009
Revision 1.04
1
KSZ8001L/S
1.8V, 3.3V 10/100BASE-T/TX/FX
Physical Layer Transceiver
Data Sheet Rev. 1.04
General Description
The KSZ8001 is a 10BASE-T/100BASE-TX/100BASE-FX
Physical Layer Transceiver, operating the core at 1.8 volts
to meet low voltage and low power requirements. The
solution provides MII/RMII/SMII interfaces to transmit and
receive data. A unique mixed-signal design extends
signaling distance while reducing power consumption.
HP Auto MDI/MDI-X provides the most robust solution for
eliminating the need to differentiate between crossover and
straight-through cables.
Featuring LinkMD
cable diagnostics,
which allows
detection of common cabling plant problems such as open
and short circuits, the KSZ8001 represents a new level of
features and performance and is an ideal choice of
physical layer transceiver for 100BASE-TX/10BASE-
T/100BASE-FX applications.
Features
Single chip 100BASE-TX/100BASE-FX/10BASE-T
physical layer solution
1.8V CMOS design, power consumption 250 mW
Robust (130m+) operation over standard cables
Supports Media Independent Interface (MII), Reduced
MII (RMII), and Serial MII (SMII)
LinkMD feature to determine cable length and
diagnose faulty cables up 200 m with +/- 2 m accuracy
Supports HP MDI/MDI-X auto crossover
Supports power down mode and power saving mode
MDC/MDIO to 12.5 MHz for rapid configuration
Fully compliant to IEEE 802.3u standard
Supports auto-negotiation and manual selection for
10/100Mbps speed and full / half-duplex mode
Functional Diagram


Similar Part No. - KSZ8001SL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8001S MICREL-KSZ8001S Datasheet
623Kb / 44P
   1.8V, 3.3V 10/100BASETX/FX Physical Layer Transceiver
logo
Microchip Technology
KSZ8001S MICROCHIP-KSZ8001S Datasheet
542Kb / 51P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
05/14/19
logo
Micrel Semiconductor
KSZ8001SI MICREL-KSZ8001SI Datasheet
561Kb / 46P
   1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
logo
Microchip Technology
KSZ8001SIS-TR MICROCHIP-KSZ8001SIS-TR Datasheet
542Kb / 51P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
05/14/19
More results

Similar Description - KSZ8001SL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8001L MICROCHIP-KSZ8001L Datasheet
542Kb / 51P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
05/14/19
logo
Micrel Semiconductor
KSZ8001L MICREL-KSZ8001L Datasheet
561Kb / 46P
   1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KSZ8041FTLI MICREL-KSZ8041FTLI Datasheet
82Kb / 2P
   Physical Layer Transceiver 10/100BASE-T/TX/FX
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KS8001 MICREL-KS8001 Datasheet
623Kb / 44P
   1.8V, 3.3V 10/100BASETX/FX Physical Layer Transceiver
KS8721BL MICREL-KS8721BL_11 Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721CL MICREL-KS8721CL_11 Datasheet
280Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KSZ8721SL-TR MICREL-KSZ8721SL-TR Datasheet
218Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
   3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com