Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC2DU13L Datasheet(PDF) 7 Page - Altech corporation

Part # DC2DU13L
Description  Miniature Molded Case Circuit Breakers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

DC2DU13L Datasheet(HTML) 7 Page - Altech corporation

Back Button DC2DU13L Datasheet HTML 3Page - Altech corporation DC2DU13L Datasheet HTML 4Page - Altech corporation DC2DU13L Datasheet HTML 5Page - Altech corporation DC2DU13L Datasheet HTML 6Page - Altech corporation DC2DU13L Datasheet HTML 7Page - Altech corporation DC2DU13L Datasheet HTML 8Page - Altech corporation DC2DU13L Datasheet HTML 9Page - Altech corporation DC2DU13L Datasheet HTML 10Page - Altech corporation DC2DU13L Datasheet HTML 11Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
56
1
1.05 1.3
0.01
0.05
0.1
0.5
1
5
10
20
40
1
2
4
6
8
20
10
40
60
120
20
16
14
12
10
9
8
7
6
5
2
34
C and D Trip
Less than 10A
1
1.05 1.3
0.01
0.05
0.1
0.5
1
5
10
20
40
60
120
240
360
480
1200
600
2400
3600
7200
20
16
14
12
10
9
8
7
6
5
2
34
C and D Trip
10A and higher
Multiple of Rated Current
Multiple of Rated Current
CD
CD
Rated
current
In (A)
rated current allowing forambient temperature
I cor(A)
Internal
impedance
Z(m
Ω)
char.B,C,D,K
PowerLoss
B, C, D, K
P(W)
-20
-10
0
10
20
30
40
50
60
0.2
0.24
0.24
0.23
0.22
0.21
0.2
0.19
0.18
0.17
45100.0
1.80
0.5
0.61
0.59
0.57
0.55
0.53
0.5
0.47
0.44
0.42
8000.0
2.00
1
1.21
1.18
1.14
1.1
1.05
1.0
0.93
0.88
0.83
2000.0
2.00
2
2.42
2.36
2.28
2.2
2.1
2.0
1.86
1.76
1.67
490.0
1.96
3
3.63
3.54
3.42
3.3
3.15
3.0
2.79
2.64
2.5
230.0
2.07
4
4.84
4.72
4.56
4.4
4.2
4.0
3.72
3.52
3.33
150.0
2.40
5
6.1
5.9
5.7
5.5
5.3
5.0
4.7
4.4
4.2
95.0
2.38
6
7.3
7.1
6.8
6.6
6.3
6.0
5.6
5.3
5.0
69.0
2.48
7
8.5
8.2
8.0
7.7
7.4
7.0
6.5
6.2
5.8
52.0
2.55
8
9.7
9.4
9.1
8.8
8.4
8.0
7.4
7.0
6.7
35.0
2.24
10
12.1
11.8
11.4
11.0
10.5
10.0
9.3
8.8
8.3
23.5
2.35
12
14.5
14.2
13.7
13.2
12.6
12.0
11.2
10.6
10.0
18.7
2.69
13
15.7
15.3
14.8
14.3
13.7
13.0
12.1
11.5
10.8
14.3
2.42
14
16.9
16.5
16.0
15.4
14.7
14.0
13.0
12.3
11.7
12.4
2.43
15
18.2
17.7
17.1
16.5
15.8
15.0
14.0
13.2
12.5
10.1
2.27
16
19.4
18.9
18.2
17.6
16.8
16.0
14.9
14.1
13.3
7.5
1.92
20
24.2
23.6
22.8
22.0
21.0
20.0
18.6
17.6
16.7
6.3
2.52
25
30.3
29.5
28.5
27.5
26.3
25.0
23.3
22.0
20.8
4.6
2.88
30
36.3
35.4
34.2
33.0
31.5
30.0
27.9
26.5
25.0
3.6
3.24
32
38.7
37.8
36.5
35.2
33.6
32.0
29.8
28.2
26.7
3.6
3.69
35
42.3
41.3
39.9
38.5
36.8
35.0
32.6
30.8
29.2
3.6
4.41
40
48.4
47.2
45.6
44.0
42.0
40.0
37.2
35.2
33.3
3.0
4.80
50
60.5
59.0
57.0
55.0
52.5
50.0
46.5
44.1
41.7
2.4
6.00
60
72.6
70.9
68.4
66.0
63.0
60.0
55.9
52.9
50.1
1.8
6.48
TemperatureandPowerLossSpecifications
L-SeriesTripCurves
MCBs_2013_UsethisOne.QXD_CircuitBreakers_2006(togo3).QXD 11/14/13 10:51 AM Page 56


Similar Part No. - DC2DU13L

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DC2 JAE-DC2 Datasheet
214Kb / 5P
   HDMI Standard Type C HDMI Mini Connector
logo
Cherry Semiconductor Co...
DC2 CHERRY-DC2 Datasheet
246Kb / 3P
   SUBMINIATURE — SEALED
logo
Integrated Power Design...
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1001 IPDPOWER-DC2-110-1001 Datasheet
399Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1002 IPDPOWER-DC2-110-1002 Datasheet
399Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
More results

Similar Description - DC2DU13L

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
   Molded Case Circuit Breakers
FAL34015 ETC2-FAL34015 Datasheet
480Kb / 2P
   Molded Case Circuit Breakers
logo
Fuji Electric
BW9N0HA FUJI-BW9N0HA Datasheet
9Mb / 93P
   Molded Case Circuit Breakers
logo
Altech corporation
ABS103U15A ALTECH-ABS103U15A Datasheet
932Kb / 10P
   Molded Case Circuit Breakers UL489 Listed
logo
List of Unclassifed Man...
A2N150TW ETC2-A2N150TW Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Altech corporation
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
1DU02L ALTECH-1DU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com