Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3164D-3 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RO3164D-3
Description  868.35 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3164D-3 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RO3164D-3 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3164D-3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
868.35 MHz
SAW Resonator
www.RFM.com E-mail: info@rfm.com
Page 2 of 2
©2009 by RF Monolithics, Inc.
RO3164D-3(R) - 4/29/09
-80 -60 -40 -20
0 +20 +40 +60
0
-50
-100
-150
+80
-200
0
-50
-100
-150
-200
f
C = f O , T C = T O
∆T = T
C - T O ( °C )
0.05 pF*
0.05 pF
Cp
Co
+
=
*Case Parasitics
Cp
Rm
Lm
Cm
Equivalent LC Mode
l
Temperature Characteristics
The curve shown on the right accounts for resonator contribution only and
does not include LC component temperature contributions
.
Pin
Connection
1NC
2
Terminal
3NC
4NC
5
Terminal
6NC
Power Test
Electrical Connections
The SAW resonator is bidirectional and
may be installed with either orientation.
The two terminals are interchangeable
and unnumbered. The callout NC indi-
cates no internal connection. The NC
pads assist with mechanical positioning
and stability. External grounding of the
NC pads is recommended to help reduce
parasitic capacitance in the circuit.
Typical Test Circuit
The test circuit inductor, LTEST, is tuned to resonate with the static
capacitance, CO, at FC.
Electrical Test
Typical Application Circuits
From 50
Network Analyzer
To 50
Network Analyzer
2
3
6
5
4
1
Low-Loss
Matching
Network to
50
50
Ω Source
at F
C
P
INCIDENT
P
REFLECTED
2
3
6
5
4
1
Modulation
Input
ROXXXXC
Bottom View
200k
C1
L1
(Antenna)
47
+9VDC
C2
RF Bypass
470
Typical Low-Power Transmitter Application
2
3
6
5
4
1
+VDC
ROXXXXC
Bottom View
200k
C1
L1
+VDC
C2
RF Bypass
Typical Local Oscillator Application
Output
2
3
6
5
4
1
1
2
3
6
5
4
1
2
3
6
5
4
A
BC
D
J
E
GH
I
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
3.60
3.80
4.0
0.14
0.15
0.16
B
3.60
3.80
4.0
0.14
0.15
0.16
C
1.00
1.20
1.40
0.04
0.05
0.055
D
0.95
1.10
1.25
0.033
0.043
0.05
E
2.39
2.54
2.69
0.090
0.10
0.110
G
0.90
1.0
1.10
0.035
0.04
0.043
H
1.90
2.0
2.10
0.75
0.08
0.83
I
0.50
0.6
0.70
0.020
0.024
0.028
J
1.70
1.8
1.90
0.067
0.07
0.075


Similar Part No. - RO3164D-3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3164D-3 MURATA-RO3164D-3_15 Datasheet
211Kb / 2P
   868.35 MHz SAW Resonator
More results

Similar Description - RO3164D-3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3164D-2 MURATA-RO3164D-2_15 Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
RO3164E-1 MURATA-RO3164E-1_15 Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
RO3164 MURATA-RO3164 Datasheet
141Kb / 2P
   868.35 MHz SAW Resonator
RO3164A-3 MURATA-RO3164A-3 Datasheet
63Kb / 2P
   868.35 MHz SAW Resonator
RO3164E-3 MURATA-RO3164E-3 Datasheet
431Kb / 2P
   868.35 MHz SAW Resonator
RO3164E-3 MURATA-RO3164E-3_15 Datasheet
208Kb / 2P
   868.35 MHz SAW Resonator
RO3164E MURATA-RO3164E Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
RO3164D MURATA-RO3164D_15 Datasheet
206Kb / 3P
   868.35 MHz SAW Resonator
RO3164E MURATA-RO3164E_15 Datasheet
206Kb / 3P
   868.35 MHz SAW Resonator
RO3164E-2 MURATA-RO3164E-2_15 Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com