Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6MBP150RA-060 Datasheet(PDF) 4 Page - Fuji Electric

Part # 6MBP150RA-060
Description  Intelligent Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBP150RA-060 Datasheet(HTML) 4 Page - Fuji Electric

  6MBP150RA-060 Datasheet HTML 1Page - Fuji Electric 6MBP150RA-060 Datasheet HTML 2Page - Fuji Electric 6MBP150RA-060 Datasheet HTML 3Page - Fuji Electric 6MBP150RA-060 Datasheet HTML 4Page - Fuji Electric 6MBP150RA-060 Datasheet HTML 5Page - Fuji Electric 6MBP150RA-060 Datasheet HTML 6Page - Fuji Electric 6MBP150RA-060 Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
6MBP 150RA-060
IGBT IPM
600V
6×150A
n
n Inverter
0
1
2
3
4
0
50
100
150
200
250
300
V
CC
=17V,15V, 13V
Collector Current vs. Collector-Emitter Voltage
T
j
=25°C
Collector-Emitter Voltage : V
CE
[V]
0
1
2
3
4
0
50
100
150
200
250
300
V
CC
=17V,15V, 13V
Collector Current vs. Collector-Emitter Voltage
T
j
=125°C
Collector-Emitter Voltage : V
CE
[V]
0
50
100
150
200
250
100
1000
t
f
t
off
t
on
Switching Time vs. Collector Current
V
DC
=300V, V
CC
=15V, T
j
=25°C
Collector Current : I
C
[A]
0
50
100
150
200
250
100
1000
t
f
t
off
t
on
Switching Time vs. Collector Current
V
DC
=300V, V
CC
=15V, T
j
=125°C
Collector Current : I
C
[A]
0
1
2
3
4
0
50
100
150
200
250
300
25°C
T
j=125°C
Forward Voltage vs. Forward Current
Forward Voltage : V
F
[V]
0
50
100
150
200
250
10
100
I
rr=125°C
t
rr
=25°C
I
rr
=125°C
t
rr
=125°C
Reverse Recovery Characteristics
t
rr
, I
rr
vs. I
F
Forward Current : I
F
[A]


Similar Part No. - 6MBP150RA-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP150RA060 FUJI-6MBP150RA060 Datasheet
357Kb / 7P
   600V / 150A 6 in one-package
6MBP150RA120 FUJI-6MBP150RA120 Datasheet
304Kb / 7P
   IGBT-IPM(1200V/150A)
More results

Similar Description - 6MBP150RA-060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
   Intelligent Power Intelligent Power Module
logo
Fuji Electric
7MBP75RA-060 FUJI-7MBP75RA-060 Datasheet
705Kb / 9P
   Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM703S60C1 AOSMD-AIM703S60C1 Datasheet
812Kb / 11P
   Intelligent Power Module
Rev.1.0 July 2021
logo
Fuji Electric
7MBP150RA-060 FUJI-7MBP150RA-060 Datasheet
430Kb / 9P
   Intelligent Power Module
7MBP100RA-060 FUJI-7MBP100RA-060 Datasheet
430Kb / 9P
   Intelligent Power Module
7MBP50RA-060 FUJI-7MBP50RA-060 Datasheet
440Kb / 9P
   Intelligent Power Module
logo
ON Semiconductor
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5U4UF90D-E ONSEMI-STK5U4UF90D-E Datasheet
593Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com