Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE300A Datasheet(PDF) 2 Page - StarHope

Part # 1.5KE300A
Description  GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

1.5KE300A Datasheet(HTML) 2 Page - StarHope

  1.5KE300A Datasheet HTML 1Page - StarHope 1.5KE300A Datasheet HTML 2Page - StarHope 1.5KE300A Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FEATURES
◎ Plastic package
◎ Glass passivated chip junction in DO-201 package
◎ 1500W surge capability at 10/1000 µs wave form
◎ Excellent clamping capability
◎ Low zener impedance
◎ Fast response time: typically lessl than 1.0ps from 0 Volts
to BV min.
◎ Typical IR less than 1µA above 10V
,(9.5mm) lead length, 5lbs., (2.3kg) tension
◎ Pb-free plated
MECHANICAL DATA
Case: JEDEC DO-201 Molded plastic
Terminal: Solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes cathode except Bipolar
Mounting Position: Any
Weight: 0.045 ounce, 1.2 grams
SYMBOL VALUE
UNITS
PPPM
Minimu
m 1500
Watts
PM(AV)
6.5
Watts
IFSM
200
Amps
TJ , TSTG
-55 to
+ 175
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25℃ per Fig. 2 .
2.Mounted on Copper Pad area of 1.6×1.6" (40×40mm) per Fig. 5.
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Operating junction and Storage Temperature Range
Steady State Power Dissipation at TL = 75℃ , Lead
lengths.375",(9.5mm) (Note 2)
VOLTAGE-6.8 TO 550 Volts
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note 3)
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
RATING
Peak Power Dissipation at TA = 25℃ , TP = 1ms (Note 1)
DEVICES FOR BIPOLAR APPLICATION
For Bidirectional use C or CA Suffix for types 1.5KE6.8 thru types 1.5KE550 (e.g. 1.5KE6.8C ,1.5KE550CA)
Electrical characteristics apply in both directions
1500 Watt Peak Power / 6.5 Watt Steady State
1.0 (25.4)
MIN.
0.210 (5.3)
0.190 (4.8)
DIA.
0.042 (1.07)
0.038 (0.96)
DIA.
Case Style 1.5KE
(DO-201)
Dimensions in inches and(millimeters)
0.375 (9.5)
0.285 (7.2)
1.0 (25.4)
MIN.
REV.2014.05.01
02 | www.spsemi.cn
1.5KE(1500W) Series
High temperature soldering guaranteed: 265°C/10 seconds/.375"


Similar Part No. - 1.5KE300A

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
1.5KE300A UNIOHM-1.5KE300A Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
1.5KE300A VISHAY-1.5KE300A Datasheet
110Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
Transys Electronics
1.5KE300A TRSYS-1.5KE300A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE300A LUGUANG-1.5KE300A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Microsemi Corporation
1.5KE300A MICROSEMI-1.5KE300A Datasheet
257Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
More results

Similar Description - 1.5KE300A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Leshan Radio Company
P6KE6 LRC-P6KE6 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
DB Lectro Inc
1.5SMC DBLECTRO-1.5SMC Datasheet
208Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 91 Volts 1500 Watts Peak Power
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
StarHope
P6KE SPSEMI-P6KE Datasheet
356Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 600 Volts
logo
Micro Commercial Compon...
SMBJP6KE68A MCC-SMBJP6KE68A_13 Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
SMBJP6KE27A-TP MCC-SMBJP6KE27A-TP Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com