Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP2-20 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DP2-20
Description  High-performance Digital Pressure Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP2-20 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DP2-20 Datasheet HTML 5Page - List of Unclassifed Manufacturers DP2-20 Datasheet HTML 6Page - List of Unclassifed Manufacturers DP2-20 Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2-20 Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2-20 Datasheet HTML 9Page - List of Unclassifed Manufacturers DP2-20 Datasheet HTML 10Page - List of Unclassifed Manufacturers DP2-20 Datasheet HTML 11Page - List of Unclassifed Manufacturers DP2-20 Datasheet HTML 12Page - List of Unclassifed Manufacturers DP2-20 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PRECAUTIONS FOR PROPER USE
DP2
800
Measurement
3 Pressure value setting
2 Initial setting
1 Zero-point adjustment
3 Pressure value setting
For the case when output mode is set to either hysteresis
mode (
), window comparator mode (
) or dual output
mode (
).
• ‘Set Value 1 (P-1)’ and Set Value 2 (P-2)’ of the com-
parative outputs are set.
• Press
key in the sensing mode to set to Set
Value 1 (P-1) set mode.
• Enter Set Value 1 (P-1) using
key and
key.
• Then, press
key to set to Set Value 2 (P-2)
set mode.
• Enter Set Value 2 (P-2) using
key and
key.
• Then, press
key to set to sensing mode.
MODE
MODE
MODE
2 Initial setting
• Pressure ‘Unit’, ‘Display’ and ‘Output mode’ of the
comparative outputs are set.
• In the sensing mode, press
key while press-
ing
key.
• Initial setting is displayed.
• If sensor is being used for the first time,
is
displayed.
• The settable digit blinks.
• The settable digit changes when
key is
pressed and the setting is changed when
key
is pressed.
MODE
• If key-protect has been set, make sure to release key-protect before operating the keys.
(Please refer to ‘Key-protect function’ on p.801 for the procedure.)
• Set Value 1 (P-1) and Set Value 2 (P-2) can be made common for all the output modes.
• The setting of Set Value 2 (P-2) with respect to Set Value 1 (P-1) can only be towards the high pressure side in case of
the positive pressure type sensor and only towards the high vacuum side in case of the vacuum pressure type sensor.
• Set Value 3 (P-3) is automatically set to the mid-value of Set Value 1 (P-1) and Set Value 2 (P-2).
(When setting the pressure value for the automatic sensitivity mode)
• The conditions which are set are stored in an EEPROM. Kindly note that the EEPROM has a life span and its guaranteed
life is 100,000 write operation cycles.
All models
Setting procedure
Adjust zero-point
Set ‘Display’, ‘Output mode’,
and ‘Unit’
Enter Set Value 1 (P-1), Set Value 2
(P-2), Set Value 3 (P-3)
Commence measurement
on completion of setting
DP2-20
–101.3kPa
OUT2
OUT1
MODE
0-ADJ
For the case when output mode is set to automatic sensitivity
setting mode (
).
• ‘Set Value 1 (P-1)’, ‘Set Value 2 (P-2)’ and ‘Set Value 3
(P-3)’ of the comparative outputs are set.
• Press
key in the sensing mode to set to Set
Value 1 (P-1) set mode.
• Within the required permissible pressure range,
having created a pressure state which is nearest
to the atmospheric pressure, press
key to
enter Set Value 1 (P-1).
• Then, press
key to set to Set Value 2 (P-2)
set mode.
• Within the required permissible pressure range,
having created a pressure state which is nearest
to the high pressure end (for a positive pressure
type sensor) or the high vacuum end (for a
vacuum pressure type sensor), press
key to
enter Set Value 2 (P-2).
• Then, press
key to set to Set Value 3 (P-3)
set mode.
• Check Set Value 3 (P-3) which has been set
automatically. When Set Value 3 (P-3) is to be
changed, enter Set Value 3 (P-3) using
key
and
key.
• After checking and setting, press
key to set to
sensing mode.
MODE
MODE
MODE
MODE
DP2-20
–101.3kPa
OUT2
OUT1
MODE
0-ADJ
key
:
:
:
:
:
:
:
:
:
:
:
:
Change with
3rd digit
2nd digit
1st digit
Unit
Output mode
Display
kPa or
MPa
kgf/cm2
bar
psi
mmHg
inHg
Hysteresis
mode
Window
comparator
mode
Dual output
mode
Automatic
sensitivity
setting mode
Digital
display
Analog
bar
display
DP2-20
–101.3kPa
OUT2
OUT1
MODE
0-ADJ
1 Zero-point adjustment
• The displayed pressure when the pressure port is left
open is adjusted to zero.
• The sensor will automatically enter the sensing
mode when power is supplied.
• Let the pressure port be at atmospheric pressure
(i.e., no applied pressure condition), and press,
simultaneously, the increment and decrement
keys continuously.
is displayed and, when the fingers are
released, zero-point adjustment is completed and
the sensor returns to the sensing mode.
• The automatically set Set Value 3 (P-3) can be manually changed
to a value between Set Value 1 (P-1) and Set Value 2 (P-2).
• If using the window comparator mode, set the pressure value
so that there is a difference of 3 digits, or more, between Set
Value 1 (P-1) and Set Value 2 (P-2). No output will be possible
with a 0 to 2 digit difference.
Setting
DP2-20
–101.3kPa
OUT2
OUT1
MODE
0-ADJ


Similar Part No. - DP2-20

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP2-101-RL2-Z COPAL-DP2-101-RL2-Z Datasheet
715Kb / 5P
   Directing Switches
DP2-101B-RL2-Z COPAL-DP2-101B-RL2-Z Datasheet
715Kb / 5P
   Directing Switches
More results

Similar Description - DP2-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6-13 ETC2-6-13 Datasheet
241Kb / 2P
   HIGH PERFORMANCE PRESSURE SENSOR
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD132A ALPS-HSPPAD132A Datasheet
303Kb / 7P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP180 BOSCH-BMP180 Datasheet
633Kb / 29P
   Digital pressure sensor
logo
Panasonic Semiconductor
DP-001 PANASONIC-DP-001 Datasheet
800Kb / 10P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP280 BOSCH-BMP280 Datasheet
1Mb / 49P
   Digital Pressure Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD042A ALPS-HSPPAD042A Datasheet
1Mb / 30P
   Digital Pressure Sensor
logo
TE Connectivity Ltd
MS5637 TEC-MS5637_16 Datasheet
129Kb / 4P
   Digital Pressure Sensor
logo
HOPE Microelectronics C...
HP303B HOPE-HP303B Datasheet
1Mb / 38P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP388 BOSCH-BMP388 Datasheet
2Mb / 57P
   Digital pressure sensor
logo
TE Connectivity Ltd
MS5637 TEC-MS5637 Datasheet
129Kb / 4P
   Digital Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com