Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX103912 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX103912
Description  Faceplates and Panels - FiberExpress Ultra Splice Tray 8 inches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX103912 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX103912 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX103912 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more Information
please call
1-800-Belden1
General Description:
FiberExpress Ultra 8 inches Splice Tray
Usage (Overall)
Suitable Applications:
FiberExpress Ultra Solutions, Backbone, Telecommunications Room, Main Distribution Room, Data
Centers
Related Parts:
FiberExpress Ultra 4U Rack Mount And Wall Mount Patch Panels
Physical Characteristics (Connectivity)
Capacity
Max. Capacity:
Optimal 24 Splices
Dimensions
Dimensions:
Height (in.) Width (in.) Length (in.)
0.550
4.500
8.000
Materials
Materials:
Description Material Color
Splice Tray
Metal
Black
Weight
Weight:
0.700 lbs.
Packaging
Packaging:
Individually packaged in a plastic bag, Shipped in cardboard box (25/box)
Mechanical Characteristics (Connectivity)
Storage Temperature Range:
-40°C To +80°C
Operating Temperature Range:
-10°C To +60°C
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
07/01/2006
Suitability
Suitability - Indoor:
Yes
Transmission Characteristics (Connectivity)
Notes (Overall)
Notes: For additional information about this product refer to product buletin NP286, or visit our web site at http://www.belden.com.
Product Family
Part Numbers:
Description
Item Number
FiberExpress Ultra Splice Tray 8 inches
AX103912
FiberExpress Ultra Splice Tray 10 inches AX103913
FiberExpress Ultra Splice Tray 12 inches AX103914
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
Page 1 of 2
07-23-2014
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX103912 Faceplates and Panels - FiberExpress Ultra Splice Tray 8 inches


Similar Part No. - AX103912

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX103914 ETC2-AX103914 Datasheet
96Kb / 2P
   Faceplates and Panels - FiberExpress Ultra Splice Tray 12 inches
More results

Similar Description - AX103912

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX103914 ETC2-AX103914 Datasheet
96Kb / 2P
   Faceplates and Panels - FiberExpress Ultra Splice Tray 12 inches
AX103821 ETC2-AX103821 Datasheet
106Kb / 3P
   Faceplates and Panels - FiberExpress Ultra Cassette
AX103713 ETC2-AX103713 Datasheet
98Kb / 3P
   Faceplates and Panels - FiberExpress Ultra Cassette
AX102012 ETC2-AX102012 Datasheet
101Kb / 3P
   Faceplates and Panels - KeyConnect Faceplates 6-Port Double-Gang
AX102263 ETC2-AX102263 Datasheet
99Kb / 3P
   Faceplates and Panels - KeyConnect Blank Insert
AX102261 ETC2-AX102261 Datasheet
99Kb / 3P
   Faceplates and Panels - KeyConnect Blank Insert
AX102262 ETC2-AX102262 Datasheet
99Kb / 3P
   Faceplates and Panels - KeyConnect Blank Insert
logo
Belden Inc.
AX103264 BELDEN-AX103264 Datasheet
111Kb / 3P
   Faceplates and Panels - 10GX Ultra-High Density PP- UHD Style
AX104569 BELDEN-AX104569 Datasheet
99Kb / 2P
   Faceplates and Panels - AngleFlex Patch Panel - KeyConnect
logo
List of Unclassifed Man...
AX101871 ETC2-AX101871 Datasheet
99Kb / 3P
   Faceplates and Panels - MediaFlex Plate, Double gang
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com