Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKE066AC Datasheet(PDF) 1 Page - StarHope

Part # PKE066AC
Description  Glass passiated junction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

PKE066AC Datasheet(HTML) 1 Page - StarHope

  PKE066AC Datasheet HTML 1Page - StarHope PKE066AC Datasheet HTML 2Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
>Glass passiated junction
>RoHS compliant
>Bi-directional or Un-directional
>Very Low Clamping Voltage
>High Temperature soldering:260°C/10 seconds at terminals
>High current transient suppressor
>Epoxy Encapsulated
>Sharp Breakdown Voltage
IEC COMPATIBILITY
>IEC 6100-4-5(Lightning) 3KA(8/20µs)
APPLICATIONS
>Base station power
>UPS
>Communication power
>Railway System
>Power system
      蓝宝宝浪涌抑制器
Blue powder surge suppressor 
Package Dimensions
Series
PKE:3KA
PKG:6KA
PKM:10KA
PKN:15KA
Reverse
stand-off
voltage
Polarity
C:Bi-polar
A:Uni-polar
Package
A:16 mm
B:24mm
C:7.5mm
Internal
code
Type
a
b
c
d
e
f
g
r
C
8±0.5
8±0.5
6±0.5
3±0.5
26±1.0
7.5±0.5
2.5±0.5
0.8
REV.2014.05.01
01 | www.spsemi.cn
PKE****C Series


Similar Part No. - PKE066AC

ManufacturerPart #DatasheetDescription
logo
StarHope
PKE066AA SPSEMI-PKE066AA Datasheet
253Kb / 2P
   Glass passiated junction
More results

Similar Description - PKE066AC

ManufacturerPart #DatasheetDescription
logo
StarHope
PKG-C SPSEMI-PKG-C Datasheet
273Kb / 2P
   Glass passiated junction
PKM-AB SPSEMI-PKM-AB Datasheet
257Kb / 2P
   Glass passiated junction
PKN-AB SPSEMI-PKN-AB Datasheet
255Kb / 2P
   Glass passiated junction
PKG-AB SPSEMI-PKG-AB Datasheet
253Kb / 2P
   Glass passiated junction
PKE-AB SPSEMI-PKE-AB Datasheet
253Kb / 2P
   Glass passiated junction
PKD SPSEMI-PKD Datasheet
2Mb / 3P
   Glass passiated junction
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com