Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ14A Datasheet(PDF) 2 Page - StarHope

Part # SMDJ14A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SMDJ14A Datasheet(HTML) 2 Page - StarHope

  SMDJ14A Datasheet HTML 1Page - StarHope SMDJ14A Datasheet HTML 2Page - StarHope SMDJ14A Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FEATURES
◎ Low profile package
◎ Built-in strain relief
◎ Glass passivated junction
◎ Low inductance
◎ Excellent clamping capability
◎ Repetition Rate (duty cycle):0.01%
◎ Fast response time: typically less than 1.0ps from
0 Volts to V(BR) for unidirectional types
◎ Typical IR less than 2µA above 10V
◎ High temperature soldering: 260°C/10 seconds
at terminals
Flammability 94V-O
◎ Pb-free plated
MECHANICAL DATA
Case: JEDEC DO-214AB. Molded plastic over glass passivated junction
Terminal: Solderable per MIL-STD-750, Method 2026
Polarity: Color band denoted positive end (cathode) except Bidirectional
Standard Packaging: 16mm tape (EIA STD RS-481)
Weight: 0.007 ounce, 0.21 gram
SYMBOL
VALUE
UNITS
PPPM
Minimum
3000
Watts
IPPM
SEE
TABLE 1
Amps
TJ , TSTG
-55 to +
150
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25℃ per Fig. 2 .
2.Mounted on 8.0mm x 8.0mm Copper Pads to each terminal
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses
per minutes maximum.
◎ For surface mounted applications in order to
◎ Plastic package has Underwriters Laboratory
optimize board space
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE - 5.0 TO 170 Volts
3000 Watt Peak Pulse Power
RATING
Peak Pulse Power Dissipation on 10/1000μs waveform
(Note 1,2 ,FIG.1)
Peak Pulse Current of on 10/1000µs waveform (Note 1,FIG.3)
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
DEVICES FOR BIPOLAR APPLICATION
For Bidirectional use C or CA Suffix for types SMDJ5.0 thru types SMDJ170 (e.g. SMDJ5.0C , SMDJ170CA)
Electrical characteristics apply in both directions
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note2, 3)
Operating junction and Storage Temperature Range
Amps
IFSM
300
DO-214AB (SMC J-Bend)
0.245 (6.22)
0.220 (5.59)
0.126 (3.20)
0.112 (2.85)
0.280 (7.11)
0.260 (6.60)
Cathode Band
0.103 (2.62)
0.081 (2.06)
0.325 (8.25)
0.305 (7.75)
0.060 (1.52)
0.030 (0.76)
Dimensions in inches and(millimeters)
0.012 (0.305)
0.006 (0.152)
REV.2014.05.01
02 | www.spsemi.cn
SMDJ(3000W) Series
0.012 (0.3) MAX.


Similar Part No. - SMDJ14A

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
SMDJ14A FS-SMDJ14A Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
List of Unclassifed Man...
SMDJ14A ETC1-SMDJ14A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Nanjing International G...
SMDJ14A DGNJDZ-SMDJ14A Datasheet
102Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Microdiode Electronics ...
SMDJ14A CHENDA-SMDJ14A Datasheet
3Mb / 5P
   5.0-170 Volts Peak pulse power: 3000 Watts
logo
Thinki Semiconductor Co...
SMDJ14A THINKISEMI-SMDJ14A Datasheet
882Kb / 4P
   ThinkiSemi 3KW,10V-100V Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMDJ14A

ManufacturerPart #DatasheetDescription
logo
StarHope
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMCJ SPSEMI-SMCJ Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMBJ SPSEMI-SMBJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
PMF SPSEMI-PMF Datasheet
397Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 190 Volts
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
logo
Micro Commercial Compon...
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0 MCC-SMF5.0 Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com