Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SACB15 Datasheet(PDF) 3 Page - StarHope

Part # SACB15
Description  LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE5.0 - 50 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SACB15 Datasheet(HTML) 3 Page - StarHope

  SACB15 Datasheet HTML 1Page - StarHope SACB15 Datasheet HTML 2Page - StarHope SACB15 Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ratings and
Characteristic Curves(T
A=25℃ unless otherwise noted)
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSORS
0.1
1
10
100
0.1s
1.0s
10s
100s
1.0ms
10ms
td - Pulse Width (sec.)
Non-repetitive Pulse
Waveform shown in Fig. 3
TA=25°C
30
Pig.1 - Peak Pulse Power Rating Curve
Current Waveforms
Square
PPK
td=7tp
td
td
PPK
Half Sine
Impulse
td
PPK".5"
Exponential
Decay
3.0
4.0
150
0
1.0
2.0
tr = 10µsec.
Peak Value
IPPM
TJ = 25°C
Pulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
10/1000µsec.Waveform
as defined by R.E.A.
td
Fig.3 - Pulse Waveform
3.0
0
4.0
50
Half Value- IPPM
2
t - Time(ms)
100
Low Capacitance
TVS
Fig. 4 - AC Line Protection Application
Application Note:
Device must be used
with two units in parallel,opposite in polarity
as shown in circuit for AC signal line
protection.
0
12.5
25
37.5
50
62.5
75
87.5
100
0
25
50
75
100
125
150
175
Fig.2-Power Derating Curve
TL Lead Temperature (°C)
Average Power
Peak Power
(single pulse)
03 | www.spsemi.cn
SACB(500W) Series
REV.2014.05.01


Similar Part No. - SACB15

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SACB15 LITTELFUSE-SACB15 Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
SACB15 LITTELFUSE-SACB15 Datasheet
3Mb / 146P
   TVS Diode Products
logo
Socay Electornics Co., ...
SACB15 SOCAY-SACB15 Datasheet
325Kb / 4P
   Surface Mount Transient Voltage Suppressors
SACB15 SOCAY-SACB15 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
PACELEADER INDUSTRIAL
SACB15 PACELEADER-SACB15 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SACB15

ManufacturerPart #DatasheetDescription
logo
StarHope
SAC SPSEMI-SAC Datasheet
284Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-5.0 TO 50 Volts
TVS-SACB SPSEMI-TVS-SACB Datasheet
105Kb / 4P
   Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
TVS-SAC SPSEMI-TVS-SAC Datasheet
282Kb / 4P
   Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
logo
EIC discrete Semiconduc...
SAC EIC-SAC Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
StarHope
SMDJ SPSEMI-SMDJ Datasheet
404Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
MDE Semiconductor, Inc.
LC3KP6.5CA MDE-LC3KP6.5CA Datasheet
47Kb / 2P
   LOW CAPACITANCE BI DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE- 6.5 - 28 Volts 3000 Watt Peak Pulse Power
logo
StarHope
SMCJ SPSEMI-SMCJ Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMBJ SPSEMI-SMBJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com