Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1150ADS75 Datasheet(PDF) 11 Page - HuaXinAn Electronics CO.,LTD

Part # AP1150ADS75
Description  Output LDO Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

AP1150ADS75 Datasheet(HTML) 11 Page - HuaXinAn Electronics CO.,LTD

Back Button AP1150ADS75 Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD AP1150ADS75 Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD AP1150ADS75 Datasheet HTML 9Page - HuaXinAn Electronics CO.,LTD AP1150ADS75 Datasheet HTML 10Page - HuaXinAn Electronics CO.,LTD AP1150ADS75 Datasheet HTML 11Page - HuaXinAn Electronics CO.,LTD AP1150ADS75 Datasheet HTML 12Page - HuaXinAn Electronics CO.,LTD AP1150ADS75 Datasheet HTML 13Page - HuaXinAn Electronics CO.,LTD AP1150ADS75 Datasheet HTML 14Page - HuaXinAn Electronics CO.,LTD AP1150ADS75 Datasheet HTML 15Page - HuaXinAn Electronics CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
[AP1150ADSXX]
Rev.0.2
- 11 -
2014/07
11. Description
11.1 DC Characteristics
 Line Regulation
 Load Regulation
0
-35
15
5
10
20
-5
-15
V
IN(V)
10
±0
-10
-25
15
5
-20
-30
V
OUT=1.5V
2.0V
3.0V
4.0V
5.0V
0
-40
10
5
100
200
-5
-15
I
OUT(mA)
±0
-10
-25
150
50
-20
-35
-30
V
OUT=2.0V
V
OUT=5.0V
V
OUT=3.0V
 Stability Point
IOUT=0 to 200mA
 Dropout Voltage versus Output Current
-100
-200
20
100
300
-20
-60
V
IN(mV)
±0
-40
-100
200
0
-80
-120
-140
-160
I
OUT=200mA
I
OUT in 50mA steps
-180
I
OUT=0mA
0
-200
±0
-40
100
200
-80
-120
-20
-60
-100
-160
-140
-180
I
OUT(mA)
11.2 Input / output capacitors
Linear regulators require input and output capacitors in order to maintain the regulator's loop stability. The
equivalent series resistance (ESR) of the output capacitor must be in the stable operation area. However, it is
recommended to use as large a value of capacitance as is practical. The output noise and the ripple noise decrease as
the capacitance value increases. ESR values vary widely between ceramic and tantalum capacitors. However,
tantalum capacitors are assumed to provide more ESR damping resistance, which provides greater circuit stability.
This implies that a higher level of circuit stability can be obtained by using tantalum capacitors when compared to
ceramic capacitors with similar values.
For output voltage device 2.0V applications, the recommended value of CL0.10F.
For output voltage device 1.5V applications, the recommended value of CL0.22F


Similar Part No. - AP1150ADS75

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1150ADS75 AKM-AP1150ADS75 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
More results

Similar Description - AP1150ADS75

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1153ADSXX HUAXINAN-AP1153ADSXX Datasheet
1Mb / 29P
   Output LDO Regulator
AP1154ADLXX HUAXINAN-AP1154ADLXX Datasheet
1Mb / 32P
   Output LDO Regulator
logo
Rohm
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com