Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1016AEN Datasheet(PDF) 10 Page - HuaXinAn Electronics CO.,LTD

Part # AP1016AEN
Description  Dual H-Bridge Motor Driver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

AP1016AEN Datasheet(HTML) 10 Page - HuaXinAn Electronics CO.,LTD

Back Button AP1016AEN Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD AP1016AEN Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD AP1016AEN Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD AP1016AEN Datasheet HTML 9Page - HuaXinAn Electronics CO.,LTD AP1016AEN Datasheet HTML 10Page - HuaXinAn Electronics CO.,LTD AP1016AEN Datasheet HTML 11Page - HuaXinAn Electronics CO.,LTD AP1016AEN Datasheet HTML 12Page - HuaXinAn Electronics CO.,LTD AP1016AEN Datasheet HTML 13Page - HuaXinAn Electronics CO.,LTD AP1016AEN Datasheet HTML 14Page - HuaXinAn Electronics CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
[AP1016AEN]
MS1589-E-00
- 10 -
2014/01
9. Description
The AP1016 is suitable to drive stepper motor and voice coil motor. If the input signals are fed to IN1A, IN1B,
IN2A and IN2B, the output signals, OUT1A, OUT1B, OUT2A and OUT2B are defined by table 1.The
AP1016 includes Under Voltage Detection and Thermal Shut Down (TSD) circuits. The under voltage
detection circuit is monitoring the control voltage (VC), if the VC is less than the specified voltage(UVD), the
output of the H-bridge goes to high impedance. The thermal shut down circuit is monitoring the chip
temperature. If the temperature of the chip is more than the specified temperature, the output of the H-bridge
goes to high impedance. Under voltage detection and thermal shut down circuit has each hysteresis level.
Table 1. Control logic truth table (X: don’t care)
Protection detection
Input
Output
Motion
(Note 7)
UVDN
TSD
IN1A
IN2A
IN1B
IN2B
OUT1A
OUT2A
OUT1B
OUT2B
H
L
L
L
L
L
Brake
H
L
H
L
H
L
Forward (CW)
H
L
L
H
L
H
Reverse (CCW)
H
L
H
H
Hi-Z
Hi-Z
Standby
H
H
X
X
L
X
X
X
Note 7. Direction of Current
ON
VM
GND
OFF
ON
OFF
OUTA
OUTB
ON
VM
GND
OFF
ON
OFF
OUTA
OUTB
ON
VM
GND
OFF
ON
OFF
OUTA
OUTB
VM
GND
OFF
OFF
OUTA
OUTB
OFF
OFF
Forward (CW)
Reverse (CCW)
Brake
Standby


Similar Part No. - AP1016AEN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1016AEN AKM-AP1016AEN Datasheet
622Kb / 15P
   9.0V Dual H-Bridge Motor Driver IC
More results

Similar Description - AP1016AEN

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1014AEC HUAXINAN-AP1014AEC Datasheet
456Kb / 13P
   Dual H-Bridge Motor Driver IC
logo
Asahi Kasei Microsystem...
AP1014AEC AKM-AP1014AEC Datasheet
546Kb / 13P
   7.0V Dual H-Bridge Motor Driver IC
AP1016AEN AKM-AP1016AEN Datasheet
622Kb / 15P
   9.0V Dual H-Bridge Motor Driver IC
AP1018 AKM-AP1018 Datasheet
480Kb / 17P
   18V Dual H-Bridge Motor Driver IC
AP1019 AKM-AP1019 Datasheet
581Kb / 15P
   9.0V Dual H-Bridge Motor Driver IC
AP1012A AKM-AP1012A Datasheet
480Kb / 14P
   18V Dual H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR DRIVER IC
logo
Freescale Semiconductor...
MPC17C724 FREESCALE-MPC17C724 Datasheet
839Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com