Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WL2210-L Datasheet(PDF) 3 Page - RFHIC

Part # WL2210-L
Description  Wideband LNA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

WL2210-L Datasheet(HTML) 3 Page - RFHIC

  WL2210-L Datasheet HTML 1Page - RFHIC WL2210-L Datasheet HTML 2Page - RFHIC WL2210-L Datasheet HTML 3Page - RFHIC WL2210-L Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wideband LNA
WL2210-L
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
3 / 4
Version 1.0
Package Dimensions (Type: CP-16A)
* Unit: mm[inch] | Tolerance ±0.15[.006]
Top View
Side View
Bottom View
Pin Description
Pin No
Function
Pin No
Function
1
GND
4
GND
2
Input
5
Output
3
GND
6
Vcc
Recommended Pattern
Evaluation board Layout
* Mounting Configuration Notes
1. Ground / thermal via holes are critical for the proper performance of this device.
2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the board to a heatsink. Ensure that the ground / thermal via hole region contacts the heatsink.
4. Do not put solder mask on the backside of the PCB in the region where the board contacts the heatsink.
5. RF trace width depends upon the PCB material and construction.
6. Use 1 oz. Copper minimum.


Similar Part No. - WL2210-L

ManufacturerPart #DatasheetDescription
logo
RFHIC
WL2215-L RFHIC-WL2215-L Datasheet
659Kb / 4P
   Wideband LNA
WL2215-L RFHIC-WL2215-L Datasheet
677Kb / 5P
   Wideband LNA
More results

Similar Description - WL2210-L

ManufacturerPart #DatasheetDescription
logo
RFHIC
WL1008-L RFHIC-WL1008-L Datasheet
677Kb / 5P
   Wideband LNA
logo
TriQuint Semiconductor
TGA2513 TRIQUINT-TGA2513 Datasheet
103Kb / 9P
   Wideband LNA
logo
RFHIC
WL2205-L RFHIC-WL2205-L Datasheet
232Kb / 4P
   Wideband LNA
logo
Mini-Circuits
AVA-0233LN++ MINI-AVA-0233LN+ Datasheet
556Kb / 7P
   Wideband LNA
REV. A
logo
RFHIC
WL1008-L RFHIC-WL1008-L Datasheet
659Kb / 4P
   Wideband LNA
WLP0640 RFHIC-WLP0640 Datasheet
405Kb / 4P
   Wideband LNA
WL0510 RFHIC-WL0510 Datasheet
223Kb / 4P
   Wideband LNA
logo
TriQuint Semiconductor
TGA2513 TRIQUINT-TGA2513_15 Datasheet
532Kb / 10P
   Wideband LNA
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
   Wideband LNA with AGC
TGA1319C-EPU TRIQUINT-TGA1319C-EPU Datasheet
221Kb / 6P
   Ka Band Wideband LNA/Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com