Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P20C Datasheet(PDF) 4 Page - HuaXinAn Electronics CO.,LTD

Part # P20C
Description  SIDACtor Protection Thyristors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

P20C Datasheet(HTML) 4 Page - HuaXinAn Electronics CO.,LTD

  P20C Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD P20C Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD P20C Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD P20C Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
(SIDACtor Protection Thyristors )
Packing Options
Package Type
Description
Packing Quantity
Industry Standard
P20C
DO-214AA Reel Pack
2500 PCS
EIA-481-D
Characteristics Curve
V-I Characteristics
Tr x Td Pulse Waveform
Normalized Vs Change Versus Junction
Normalized DC Holding Current Versus
Temperature
Case Temperature
Shen Zhen HuaXinAn Electronics Co.,Ltd
sales@huaandz.com
abc0734@126.com
4
Revised:February 25,2014
www.huaandz.com
Tel:+86-755-27465585


Similar Part No. - P20C

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P20C2405BD HY-LINE-P20C2405BD Datasheet
730Kb / 4P
   20 W DC-DC Converter P20CxxxxBx-Series
Rev: 20170811 f
P20C2405BS HY-LINE-P20C2405BS Datasheet
730Kb / 4P
   20 W DC-DC Converter P20CxxxxBx-Series
Rev: 20170811 f
P20C2405D HY-LINE-P20C2405D Datasheet
1Mb / 5P
   20 W DC-DC Converter P20C-Series
Rev: 20180928 f
P20C2405S HY-LINE-P20C2405S Datasheet
1Mb / 5P
   20 W DC-DC Converter P20C-Series
Rev: 20180928 f
P20C2412BD HY-LINE-P20C2412BD Datasheet
730Kb / 4P
   20 W DC-DC Converter P20CxxxxBx-Series
Rev: 20170811 f
More results

Similar Description - P20C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB Datasheet
912Kb / 5P
   SIDACtor Protection Thyristors
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SB HUAXINAN-P2000SB Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
PXXXC HUAXINAN-PXXXC Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
P0080ECMCL HUAXINAN-P0080ECMCL Datasheet
332Kb / 6P
   SIDACtor Protection Thyristors
P0080SCMCLRP HUAXINAN-P0080SCMCLRP Datasheet
314Kb / 5P
   SIDACtor Protection Thyristors
P11LA HUAXINAN-P11LA Datasheet
320Kb / 6P
   SIDACtor Protection Thyristors
logo
Littelfuse
P0300SCRP LITTELFUSE-P0300SCRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SALRP HUAXINAN-P2000SALRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P2000SCLRP HUAXINAN-P2000SCLRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com