Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42376-0077 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 42376-0077
Description  KK짰 254 Breakaway Header, Right-Angle, 7 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Mating Pin Length 9.17mm (.361")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

42376-0077 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  42376-0077 Datasheet HTML 1Page - Molex Electronics Ltd. 42376-0077 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
245
Material Info
Old Part Number
42376-0077
Reference - Drawing Numbers
Product Specification
PS-10-07
Sales Drawing
SD-42376-001
This document was generated on 07/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 42376-0077

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42376-0077 MOLEX3-42376-0077 Datasheet
310Kb / 12P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle, 7 Circuits, 0.76關m (30關") 2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle, 7 Circuits, 0.76關m (30關")
42376-0077 MOLEX-42376-0077 Datasheet
296Kb / 12P
   KK 100 HEADER ASSEMBLY FLAT RIGHT ANGLE BREAKAWAY |
12/7/03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com