Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2353 Datasheet(PDF) 3 Page - NEC

Part # 2SK2353
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2353 Datasheet(HTML) 3 Page - NEC

  2SK2353 Datasheet HTML 1Page - NEC 2SK2353 Datasheet HTML 2Page - NEC 2SK2353 Datasheet HTML 3Page - NEC 2SK2353 Datasheet HTML 4Page - NEC 2SK2353 Datasheet HTML 5Page - NEC 2SK2353 Datasheet HTML 6Page - NEC 2SK2353 Datasheet HTML 7Page - NEC 2SK2353 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK2353/2SK2354
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
40
60
100
120
140
160
20
40
60
80
100
Tc - Case Temperature - ˚C
020
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
20
40
60
80
100
120
140
160
Tc - Case Temperature - ˚C
0
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
0
4
8
12
16
VDS - Drain to Source Voltage - V
10
8
6
2
FORWARD BIAS SAFE OPERATING AREA
100
10
0.1
10
100
1000
VDS - Drain to Source Voltage - V
1
1.0
Power
Dissipation
Limited
10
ms
RDS
(on)
Limited
(at
V
GS
=
10
V)
ID (DC)
ID (pulse)
100
s
Tc = 25 ˚C
Single Pulse
PW
=
10
s
Pulsed
DRAIN CURRENT vs.
GATE TO SOURCE VOLTAGE
0
VGS - Gate to Source Voltage - V
Ta = –25 ˚C
25 ˚C
75 ˚C
Pulsed
10
50
0.05
0.1
µ
50
40
30
20
10
2SK2353
2SK2354
VGS = 20 V
125 ˚C
1
510
15
80
100
ms
1ms
4
10 V
8 V
VGS = 6 V


Similar Part No. - 2SK2353

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2353 RENESAS-2SK2353 Datasheet
249Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1994
More results

Similar Description - 2SK2353

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com