Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RUP15050-10 Datasheet(PDF) 5 Page - RFHIC

Part # RUP15050-10
Description  GaN-SiC Broadband Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RUP15050-10 Datasheet(HTML) 5 Page - RFHIC

  RUP15050-10 Datasheet HTML 1Page - RFHIC RUP15050-10 Datasheet HTML 2Page - RFHIC RUP15050-10 Datasheet HTML 3Page - RFHIC RUP15050-10 Datasheet HTML 4Page - RFHIC RUP15050-10 Datasheet HTML 5Page - RFHIC RUP15050-10 Datasheet HTML 6Page - RFHIC RUP15050-10 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
GaN-SiC Broadband Amplifier
RUP15050-10
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
5 / 7
Version 2.0
Precautions
This product is a Wideband Pallet Amplifier based on a Gallium Nitride Transistor.
The Gallium Nitride Transistor requires a Negative Voltage Bias which operates alongside a Positive Voltage Bias. These Biases are
applied in accordance to the Sequence during Turn-On and Turn-Off.
The Pallet Amplifier does not have a built-in Bias Sequence Circuit. Therefore, users need to either apply positive voltages and
negative voltages in the required sequence, or add an external Bias Circuit to this Amplifier.
The required sequence for power supply is as follows.
During Turn-On
1. Connect GND to Pin 4(GND).
2. Apply +5V to Pin 2(Ref.).
3. Apply -5V to Pin 3(VGS.).
4. Apply +28V to Pin 1(VDD.).
5. Turn on the pin 2 and pin 3, then turn on the pin 1.
6. Apply the RF Power.
During Turn-Off
1. Turn off RF power.
2. Turn off pin 1, then turn off the pin 3 and pin 2.
3. Remove all connections.
Turn On
Turn Off
Sequence Timing Diagram
Mechanical Specifications
PARAMETER
UNIT
VALUE
LIMIT
Dimensions ( L x W x H )
mm
100.0 x 50.0 x 16.0
Max
RF Connectors In/Out
-
Available SMA Female
-
Cooling
-
External Heat sink + airflow
-


Similar Part No. - RUP15050-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RUP15050-10 RFHIC-RUP15050-10 Datasheet
168Kb / 4P
   GaN-SiC Broadband Amplifier
More results

Similar Description - RUP15050-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RUP15050-10 RFHIC-RUP15050-10 Datasheet
168Kb / 4P
   GaN-SiC Broadband Amplifier
RUP15030-10 RFHIC-RUP15030-10_14 Datasheet
222Kb / 7P
   GaN-SiC Broadband Amplifier
RUP15050-12 RFHIC-RUP15050-12 Datasheet
212Kb / 6P
   GaN-SiC Broadband Amplifier
RUP15020-10 RFHIC-RUP15020-10 Datasheet
166Kb / 4P
   GaN-SiC Broadband Amplifier
RUP15030-10 RFHIC-RUP15030-10 Datasheet
173Kb / 4P
   GaN-SiC Broadband Amplifier
RUP15020-10 RFHIC-RUP15020-10_14 Datasheet
219Kb / 7P
   GaN-SiC Broadband Amplifier
RUP15020-11 RFHIC-RUP15020-11 Datasheet
200Kb / 4P
   GaN-SiC Broadband Amplifier
RUP15100-10 RFHIC-RUP15100-10 Datasheet
180Kb / 2P
   GaN-SiC Broadband Amplifier
RUP15010-10 RFHIC-RUP15010-10_14 Datasheet
222Kb / 7P
   GaN-SiC Broadband Amplifier
RUP15020-11 RFHIC-RUP15020-11_14 Datasheet
174Kb / 6P
   GaN-SiC Broadband Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com