Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RUP15020-10 Datasheet(PDF) 2 Page - RFHIC

Part # RUP15020-10
Description  GaN-SiC Broadband Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RUP15020-10 Datasheet(HTML) 2 Page - RFHIC

  RUP15020-10_14 Datasheet HTML 1Page - RFHIC RUP15020-10_14 Datasheet HTML 2Page - RFHIC RUP15020-10_14 Datasheet HTML 3Page - RFHIC RUP15020-10_14 Datasheet HTML 4Page - RFHIC RUP15020-10_14 Datasheet HTML 5Page - RFHIC RUP15020-10_14 Datasheet HTML 6Page - RFHIC RUP15020-10_14 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GaN-SiC Broadband Amplifier
RUP15020-10
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 7
Version 2.0
Typical Performance @ 25°C
P3 Output Power, Current, Efficiency
Psat Output Power, Current, Efficiency
Freq.
Output
Output
Current
Efficiency
Output
Output
Current
Efficiency
MHz
dBm
W
A
%
dBm
W
A
%
500
40.76
11.91
0.95
40.80
45.06
32.06
1.68
51.58
600
41.84
15.28
0.86
60.54
43.01
20.00
0.99
51.62
700
40.00
10.00
0.69
49.21
42.49
17.74
0.95
51.38
800
36.18
4.15
0.56
22.98
42.71
18.66
1.47
26.40
900
38.65
7.33
0.79
30.50
42.75
18.84
1.25
31.54
1000
37.93
6.21
0.86
23.10
41.90
15.49
1.49
14.70
1100
34.01
2.52
0.63
12.91
43.27
21.23
2.45
16.27
1200
33.63
2.31
0.54
12.95
43.32
21.48
1.64
25.49
1300
37.91
6.18
1.10
19.21
42.70
18.62
1.47
24.75
1400
34.92
3.10
0.76
13.06
44.46
27.93
2.47
27.96
1500
35.99
3.97
0.81
15.42
44.89
30.83
2.15
34.83
1600
37.06
5.08
0.94
17.92
44.30
26.92
2.25
21.94
1700
37.95
6.24
0.93
21.75
45.41
34.75
2.23
36.23
1800
38.86
7.69
0.97
25.66
44.86
30.62
2.00
35.85
1900
41.12
12.94
1.20
35.92
45.38
34.51
1.95
43.50
2000
41.07
12.79
1.17
35.37
45.35
34.28
1.92
48.04
2100
40.98
112.53
1.19
33.48
44.90
30.90
1.86
44.12
2200
40.07
10.16
1.14
26.02
44.63
29.04
1.91
38.46
2300
40.95
12.45
1.37
26.58
44.23
26.49
2.00
30.24
2400
41.11
12.91
1.60
24.61
43.88
24.43
2.21
23.44
2500
40.05
10.12
1.54
17.71
43.48
22.28
2.33
19.98


Similar Part No. - RUP15020-10_14

ManufacturerPart #DatasheetDescription
logo
RFHIC
RUP15020-10 RFHIC-RUP15020-10 Datasheet
166Kb / 4P
   GaN-SiC Broadband Amplifier
More results

Similar Description - RUP15020-10_14

ManufacturerPart #DatasheetDescription
logo
RFHIC
RUP15050-10 RFHIC-RUP15050-10 Datasheet
168Kb / 4P
   GaN-SiC Broadband Amplifier
RUP15030-10 RFHIC-RUP15030-10_14 Datasheet
222Kb / 7P
   GaN-SiC Broadband Amplifier
RUP15050-12 RFHIC-RUP15050-12 Datasheet
212Kb / 6P
   GaN-SiC Broadband Amplifier
RUP15020-10 RFHIC-RUP15020-10 Datasheet
166Kb / 4P
   GaN-SiC Broadband Amplifier
RUP15030-10 RFHIC-RUP15030-10 Datasheet
173Kb / 4P
   GaN-SiC Broadband Amplifier
RUP15020-11 RFHIC-RUP15020-11 Datasheet
200Kb / 4P
   GaN-SiC Broadband Amplifier
RUP15100-10 RFHIC-RUP15100-10 Datasheet
180Kb / 2P
   GaN-SiC Broadband Amplifier
RUP15010-10 RFHIC-RUP15010-10_14 Datasheet
222Kb / 7P
   GaN-SiC Broadband Amplifier
RUP15020-11 RFHIC-RUP15020-11_14 Datasheet
174Kb / 6P
   GaN-SiC Broadband Amplifier
RUP15050-10 RFHIC-RUP15050-10_14 Datasheet
225Kb / 7P
   GaN-SiC Broadband Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com