Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2404-12 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC2404-12
Description  1.6GHz Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2404-12 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC2404-12 Datasheet HTML 2Page - Torex Semiconductor XC2404-12 Datasheet HTML 3Page - Torex Semiconductor XC2404-12 Datasheet HTML 4Page - Torex Semiconductor XC2404-12 Datasheet HTML 5Page - Torex Semiconductor XC2404-12 Datasheet HTML 6Page - Torex Semiconductor XC2404-12 Datasheet HTML 7Page - Torex Semiconductor XC2404-12 Datasheet HTML 8Page - Torex Semiconductor XC2404-12 Datasheet HTML 9Page - Torex Semiconductor XC2404-12 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6/16
XC2404A816UR-G
XC2404 *1
■TEST CIRCUITS
●Circuit ①(DC Characteristics: Power Supply Pin Voltage, Circuit Current, Input Power Supply Voltage)
●Circuit ②(Power Gain, Input Return Loss, Output Return Loss, Isolation, Input Power @ 1dB Gain Compression)
* Fixed Bias: Rbias=0Ω, VIN=VDD
** Pin / Pout is 50Ω
*1: Refer to the circuit ⑤ for the block detail.
●Circuit ③(Noise Figure)
*1: Refer to the circuit ⑤ for the block detail.


Similar Part No. - XC2404-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2404 TOREX-XC2404 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
XC2404A816UR-G TOREX-XC2404A816UR-G Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
XC2404 TOREX-XC2404_12 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
XC2404 TOREX-XC2404_15 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
More results

Similar Description - XC2404-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2404 TOREX-XC2404_12 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
XC2404 TOREX-XC2404 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
XC2404 TOREX-XC2404_15 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
390Kb / 20P
[Old version datasheet]   1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26 Datasheet
232Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Toshiba Semiconductor
TA4008F TOSHIBA-TA4008F Datasheet
138Kb / 4P
   1.6GHz BAND BUFFER AMPLIFIER APPLICATIONS)
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com