Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2341 Datasheet(PDF) 1 Page - NEC

Part # 2SK2341
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2341 Datasheet(HTML) 1 Page - NEC

  2SK2341 Datasheet HTML 1Page - NEC 2SK2341 Datasheet HTML 2Page - NEC 2SK2341 Datasheet HTML 3Page - NEC 2SK2341 Datasheet HTML 4Page - NEC 2SK2341 Datasheet HTML 5Page - NEC 2SK2341 Datasheet HTML 6Page - NEC 2SK2341 Datasheet HTML 7Page - NEC 2SK2341 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOS FIELD EFFECT TRANSISTOR
2SK2341
DESCRIPTION
The 2SK2341 is N-channel Power MOS Field Effect Transis-
tor designed for high voltage switching applications.
FEATURES
Low On-state Resistance
RDS(on) = 0.26
Ω MAX. (VGS = 10 V, ID = 6.0 A)
LOW Ciss
Ciss = 1090 pF TYP.
High Avalanche Capability Ratings
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Drain to Source Voltage
VDSS
250
V
Gate to Source Voltage
VGSS
±30
V
Drain Current (DC)
ID (DC)
±11
A
Drain Current (pulse)
ID (pulse)*
±44
A
Total Power Dissipation (TC = 25
°C) PT1
35
W
Total Power Dissipation (Ta = 25
°C) PT2
2.0
W
Storage Temperature
Tstg
–55 to +150
°C
Channel Temperature
Tch
150
°C
Single Avalanche Current
IAS**
11
A
Single Avalanche Energy
EAS**
320
mJ
*PW
≤ 10
µs, Duty Cycle ≤ 1 %
**Starting Tch = 25
°C, RG = 25 Ω, VGS = 20 V → 0
The diode connected between the gate and source of the
transistor serves as a protector against ESD. When this device
is actually used, an additional protection circuit is externally
required if a voltage exceeding the rated voltage may be
applied to this device.
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
Document No.
TC-2511
(O.D. No.
TC–8070)
Date Published
January 1995 P
Printed in Japan
10.0 ± 0.3
φ3.2 ± 0.2
4.5 ± 0.2
2.7 ± 0.2
2.5 ± 0.1
0.65 ± 0.1
1.5 ± 0.2
2.54 TYP.
1.3 ± 0.2
2.54 TYP.
0.7 ± 0.1
12 3
1. Gate
2. Drain
3. Source
MP-45F(SIOLATED TO-220)
Body diode
Source (S)
Drain (D)
Gate (G)
12 3
PACKAGE DIMENSIONS
(in millimeters)
©
1995
DATA SHEET


Similar Part No. - 2SK2341

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK2341 ISC-2SK2341 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2341 RENESAS-2SK2341 Datasheet
300Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1995
More results

Similar Description - 2SK2341

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com