Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XBP1004-12 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XBP1004-12
Description  Low Capacitance TVS Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XBP1004-12 Datasheet(HTML) 1 Page - Torex Semiconductor

  XBP1004-12 Datasheet HTML 1Page - Torex Semiconductor XBP1004-12 Datasheet HTML 2Page - Torex Semiconductor XBP1004-12 Datasheet HTML 3Page - Torex Semiconductor XBP1004-12 Datasheet HTML 4Page - Torex Semiconductor XBP1004-12 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
XBP1004
Low Capacitance TVS Diode Array
PRODUCT NAME
PACKAGE
ORDER UNIT
XBP1004-G *
SOT-543
4,000 / Reel
* The “-G” suffix denotes Halogen and Antimony free as well as being fully RoHS compliant.
■ABSOLUTE MAXIMUM RATINGS
Ta=25℃
PARAMETER
SYMBOL
RATINGS
UNITS
Peak Pulse Power (8/20μs Waveform)
Ppk
350
W
Junction Temperature
Tj
-55 to 125
Storage Temperature
Tstg
-55 to 150
■PRODUCT NAME
ETR29013-001
■FEATURES
Terminal Capacitance
: 1.2pF (Line-to-GND)
ESD Protection
: 8kV Contact (IEC61000-4-2)
Environmentally Friendly
: EU RoHS Compliant, Pb Free
■APPLICATIONS
●USB2.0, Firewire
●HDMI Ver.1.3
●DVI
■APPLICATION CIRCUIT
■ PACKAGING INFORMATION
●SOT-543
Unit: inch (mm)


Similar Part No. - XBP1004-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1004-G TOREX-XBP1004-G Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
More results

Similar Description - XBP1004-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
   Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP14E5UFN-G TOREX-XBP14E5UFN-G Datasheet
187Kb / 6P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC03C YEASHIN-YSBLC03C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC08C YEASHIN-YSBLC08C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
E-CMOS Corporation
ECGLBXXCG E-CMOS-ECGLBXXCG Datasheet
242Kb / 3P
   Low Capacitance TVS Diode Array
logo
Semtech Corporation
SRV08-4 SEMTECH-SRV08-4 Datasheet
503Kb / 7P
   Low Capacitance TVS Diode Array
SRDA3.3-4 SEMTECH-SRDA3.3-4_03 Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com