Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3104A Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RO3104A
Description  303.825 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3104A Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RO3104A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3104A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 2
© 2009-2011 by RF Monolithics, Inc.
RO3104A - 6/28/11
Electrical Connections
The SAW resonator is bidirectional and may be
installed with either orientation. The two terminals
are interchangeable and unnumbered. The callout
NC indicates no internal connection. The NC pads
assist with mechanical positioning and stability.
External grounding of the NC pads is
recommended to help reduce parasitic
capacitance in the circuit.
Typical Test Circuit
The test circuit inductor, LTEST, is tuned to resonate with the static
capacitance, CO, at FC.
Typical Application Circuits
Equivalent Model
Temperature Characteristics
The curve shown on the right
accounts for resonator
contribution only and does not
include LC component
temperature contributions.
Case
Terminal
Terminal
ELECTRICAL TEST
From 50
Network Analyzer
To 50
Network Analyzer
50
Ω Source
at F
C
REFLECTED
INCIDENT
P
P
Low-Loss
Matching
Network to
50
Terminal
Terminal
NC
NC
POWER TEST
CW RF Power Dissipation =
INCIDENT -
REFLECTED
P
P
C1
C2
L1
(Antenna)
+9VDC
47
RF Bypass
Modulation
Input
Typical Low-Power Transmitter Application
RO3XXXA
Bottom View
470
200k
C1
C2
L1
Output
+VDC
RF Bypass
+VDC
Typical Local Oscillator Applications
RO3XXXA
Bottom View
Dimensions
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
4.87
5.00
5.13
0.191
0.196
0.201
B
3.37
3.50
3.63
0.132
0.137
0.142
C
1.45
1.53
1.60
0.057
0.060
0.062
D
1.35
1.43
1.50
0.040
0.057
0.059
E
0.67
0.80
0.93
0.026
0.031
0.036
F
0.37
0.50
0.63
0.014
0.019
0.024
G
1.07
1.20
1.33
0.042
0.047
0.052
H
-
1.04
-
-
0.041
-
I
-
1.46
-
-
0.058
-
J
-
0.50
-
-
0.019
-
K
-
1.05
-
-
0.041
-
L
-
1.44
-
-
0.057
-
M
-
0.71
-
-
0.028
-
0.05 pF*
0.05 pF
Cp
Co
+
=
*Case Parasitics
Cp
Rm
Lm
Cm
-80 -60 -40 -20
0 +20 +40 +60
0
-50
-100
-150
+80
-200
0
-50
-100
-150
-200
f
C = f O , T C = T O
∆T = T
C - T O ( °C )
B
C
D
E ( 3 x )
F ( 4 x )
G ( 1 x )
T o p V i e w
S i d e V i e w
B o t t o m V i e w
1
2
3
4
H
I
H
H
J
J
K
L
M
M
PCB Land Pattern
Top View


Similar Part No. - RO3104A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3104 MURATA-RO3104 Datasheet
195Kb / 2P
   303.825 MHz SAW Resonator
RO3104C MURATA-RO3104C Datasheet
97Kb / 2P
   303.825 MHz SAW Resonator
RO3104D MURATA-RO3104D Datasheet
100Kb / 2P
   303.825 MHz SAW Resonator
RO3104E MURATA-RO3104E Datasheet
99Kb / 2P
   303.825 MHz SAW Resonator
More results

Similar Description - RO3104A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3104D MURATA-RO3104D Datasheet
100Kb / 2P
   303.825 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0541A TAI-SAW-TC0541A Datasheet
386Kb / 6P
   SAW Resonator 303.825 MHz
logo
RF Monolithics, Inc
RO2104 RFM-RO2104 Datasheet
146Kb / 2P
   303.825 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3104 MURATA-RO3104 Datasheet
195Kb / 2P
   303.825 MHz SAW Resonator
RO3112 MURATA-RO3112 Datasheet
142Kb / 2P
   303.825 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2104-1 RFM-RO2104-1 Datasheet
146Kb / 2P
   303.825 MHz SAW Resonator
RO2104A RFM-RO2104A Datasheet
100Kb / 2P
   303.825 MHz SAW Resonator
RO2104D RFM-RO2104D Datasheet
97Kb / 2P
   303.825 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3104C MURATA-RO3104C Datasheet
97Kb / 2P
   303.825 MHz SAW Resonator
RO3104E MURATA-RO3104E Datasheet
99Kb / 2P
   303.825 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com