Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRZJ391M100V16X25F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRZJ391M100V16X25F
Description  Miniature Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRZJ391M100V16X25F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRZJ391M100V16X25F Datasheet HTML 1Page - NIC-Components Corp. NRZJ391M100V16X25F Datasheet HTML 2Page - NIC-Components Corp. NRZJ391M100V16X25F Datasheet HTML 3Page - NIC-Components Corp. NRZJ391M100V16X25F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NRZJ Series
Miniature Aluminum Electrolytic Capacitors
ULTRA LOW IMPEDANCE, RADIAL LEADS, POLARIZED, ALUMINUM ELECTROLYTIC
• VERY LOW IMPEDANCE & HIGH RIPPLE CURRENT
• LONG LIFE AT 105°C (6000 ~ 10,000 hrs.)
• HIGH STABILITY AT LOW TEMPERATURE
• IDEALLY FOR SWITCHING POWER SUPPLIES & CONVERTERS
• MEETS THE REQUIREMENTS OF AEC-Q200*
*Contact NIC for supporting test data
FEATURES
CHARACTERISTICS
Rated Voltage Range
6.3 ~ 100Vdc
Capacitance Range
8.2 ~ 8,200µF
Operating Temperature Range
-40°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current
After 2 Minutes at 20°C
0.01CV or 3µA
whichever is greater
Max. Tan δ at 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
80
100
S.V. (Vdc)
8
13
20
32
44
63
79
100
125
C < 1,000µF
0.22
0.19
0.16
0.14
0.12
0.10
0.09
0.08
0.08
C = 1,200µF
0.22
0.19
-
0.14
0.12
-
-
0.08
-
C = 1,500µF
0.22
-
0.16
0.14
0.12
-
-
-
-
C = 1,800µF
0.22
0.19
0.16
0.14
0.12
-
-
-
-
C = 2,200µF
-
0.21
0.18
0.16
-
-
-
-
-
C = 2,700µF
0.24
0.21
0.18
0.16
-
-
-
-
-
C = 3,300µF
0.26
0.23
0.20
0.18
-
-
-
-
-
C = 3,900µF
0.26
-
0.20
-
-
-
-
-
-
C = 4,700µF
0.28
0.25
0.22
-
-
-
-
-
-
C = 5,600µF
0.30
0.27
-
-
-
-
-
-
-
C = 6,800µF
0.32
-
-
-
-
-
-
-
-
C = 8,200µF
0.36
-
-
-
-
-
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
2
Z-40°C/Z+20°C
3
Load Life Hours
Load Life Test at Rated W.V. & 105°C
Case Size
Life Hours
6.3V
10V ~ 50V
63V ~ 100V
5x11, 6.3x11
6,000
7,000
6,000
8x11.5
8,000
9,000
8,000
10x12.5
9,000
9,000
9,000
8x16, 8x20
9,000
10,000
9,000
10x16 ~ 10x25
f16 to f18 Diameter
9,000
10,000
9,000
Capacitance Change
Within ±25% (6.3V, 10V ±30%) of initial measured value
Tan δ
Less than 200% of specified value
Leakage Current
Less than specified value
Shelf Life Test
105°C 1,000 Hours
No Load
Capacitance Change
Within ±25% of initial measured value
Tan δ
Less than 200% of specified value
Leakage Current
Less than specified value
PART NUMbERINg SySTEM
NRZJ 331 M 50V 10X20 TB Y F .
RoHS Compliant
TB = Tape & Box*
Case Size (DfxL)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
*see tape specification for details
Optional: For automotive equipment, sourced to special
production and inspection at TS-16949 certified production site


Similar Part No. - NRZJ391M100V16X25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRZJ391M100V16X25F NIC-NRZJ391M100V16X25F Datasheet
247Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRZJ391M100V16X25F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com