Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

354972 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 354972
Description  Fem.Connector ECC BA 7 42Sold.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

354972 Datasheet(HTML) 1 Page - ERNI Electronics

  354972 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2x2,54=5,08
13x2,54=33,02
2,54
c14
a1
a14
c1
37,4 -0,2
2,8
43,35 ±0,1
+0,1
+0,1
0,5
c
b
assemble
bestückt /
14
13 12
11
10
9
8
7
6
5
4
3
2
1
a
Bestückungsplan /
contact layout
prior notice.
contact one of the ERNI companies
STVZW
Fem.Connector ECC BA 7 42Sold.
Federleiste ZW BA 7 42Löt
354972
2:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
I
Subject to modification without
A3
Designation
www.ERNI.com
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
Diameter of finished plated-through hole
-0,06
+0,09
1,0
Bauart 7 /
type 7
Anforderungsstufe 2 = 400 Steckzyklen /
performance class 2 = 400 mating cycles
Fehlende Masse und Angaben nach IEC 60 603-2 / DIN EN 60 603-2
Missing information and dimensions per IEC 60 603-2 / DIN EN 60 603-2
Bedruckung siehe Zeichnung 294875
Marking see drawing 294875
housing material:
Isolierwerkstoff /
PBT GF30
Anschluß 0,65 x 0,3 mm /
terminal 0,65 x 0,3mm
Lochaufbau siehe ERNI-Spezifikation 164062 /
hole design see ERNI-specification 164062
1) 1,0
+0,09
-0,06 Durchmesser des metallisierten Loches
Index
Date
-
04.06.2008
a
14
13
12
11 10
9
8
7
6
5
4
3
2
1
PCB drillhole pattern
alle Löcher /
all holes
b
Leiterplatten-Lochbild /
c
+0,1
2,8
2,54
43,35
13x2,54= 33,02
(1
0,3
RC 2
XXXX
Datum
date
ERNI
Anforderungsstufe
class
48,35
0,65
38,35


Similar Part No. - 354972

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3549 BOURNS-3549 Datasheet
530Kb / 5P
   10-Turn Precision Potentiometer
logo
3M Electronics
3549 3M-3549 Datasheet
24Kb / 6P
   3M Scotch-WeldTM Urethane Adhesives
logo
Heyco.
3549 HEYCO-3549 Datasheet
134Kb / 1P
   Heyco® Nylon Liquid Tight Threaded Plugs
3549 HEYCO-3549 Datasheet
134Kb / 1P
   Nylon Liquid Tight Threaded Plugs
logo
3M Electronics
3549-1000 3M-3549-1000 Datasheet
451Kb / 4P
   3M D Ribbon Wiremount Socket
More results

Similar Description - 354972

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
374380 ERNI-374380 Datasheet
224Kb / 1P
   Fem.Connector TE160 Solder
374358 ERNI-374358 Datasheet
147Kb / 1P
   FEDERLEISTE ZW BA 7 42 EE
100403210017 ERNI-100403210017 Datasheet
82Kb / 1P
   Fem.Connector F48 flat Solder
354741 ERNI-354741 Datasheet
50Kb / 1P
   Fem.Connector F48 flat Solder
100103620001 ERNI-100103620001 Datasheet
54Kb / 1P
   Fem.Connector B/2, 32 Solder
logo
Cypress Semiconductor
S34MS-1 CYPRESS-S34MS-1 Datasheet
779Kb / 6P
   1-Bit ECC
logo
Advantech Co., Ltd.
SQR-SD4 ADVANTECH-SQR-SD4 Datasheet
633Kb / 1P
   SODIMM ECC DDR4
SQR-SD4N ADVANTECH-SQR-SD4N Datasheet
508Kb / 1P
   ECC SODIMM DDR4
22-Mar-2019
SQR-SD5 ADVANTECH-SQR-SD5 Datasheet
396Kb / 1P
   ECC SODIMM DDR5
13-Jul-2022
logo
Axiomtek Co., Ltd.
NA570 AXIOMTEK-NA570 Datasheet
226Kb / 1P
   Supports 32 GB DDR3-1600 non-ECC/ECC memory
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com