Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTC-T685K10TRAF Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NTC-T685K10TRAF
Description  Tantalum Chip Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTC-T685K10TRAF Datasheet(HTML) 7 Page - NIC-Components Corp.

  NTC-T685K10TRAF Datasheet HTML 1Page - NIC-Components Corp. NTC-T685K10TRAF Datasheet HTML 2Page - NIC-Components Corp. NTC-T685K10TRAF Datasheet HTML 3Page - NIC-Components Corp. NTC-T685K10TRAF Datasheet HTML 4Page - NIC-Components Corp. NTC-T685K10TRAF Datasheet HTML 5Page - NIC-Components Corp. NTC-T685K10TRAF Datasheet HTML 6Page - NIC-Components Corp. NTC-T685K10TRAF Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Tantalum Chip Capacitors
NTC-T Series
CAPACITANCE CODES
VOLTAGE CODES
Cap. (
μF)
STD
EIA Code
EIA Code
198D
Code for
P Case Size
0.1
104
A5
-
0.15
154
E5
-
0.22
224
J5
-
0.33
334
N5
N
0.47
474
S5
S
0.68
684
W5
W
1.0
105
A6
A
1.5
155
E6
E
2.2
225
J6
J
3.3
335
N6
N
4.7
475
S6
S
6.8
685
W6
W
10
106
A7
A
22
226
J7
J
33
336
N7
N
47
476
S7
S
Vottage
Code
2.5
e
4G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
H
TAPE DIMENSIONS (mm)
Cover tape peel-off specification
1. Peel-off speed
:
300 mm/min.
2. Peel-off force
:
F = 30 - 75g
3. Peel-off angle
:
Θ = 0 - 15°
Cover Tape
Peel-off speed
(F) = 50mm/Sec.
F
P
1
A
o
F
K
W
B
o
1.5 ± 0.1
P
o
T
Cover tape
G
P
2
Anode
Metric Code Case Code
A
0±0.2
B
0±0.2
W ±0.3 F ± 0.05
P
0±0.1
P
1±0.1
P
2±0.05
G ±0.1
K ±0.2
T
7" Reel
2012
P
1.4
2.2
8.0
3.5
4.0
4.0
2.0
1.75
1.4
0.2
3000
3216
A
1.9
3.5
8.0
3.5
4.0
4.0
2.0
1.75
1.9
0.2
2000
3528
B
3.2
3.8
8.0
3.5
4.0
4.0
2.0
1.75
2.1
0.2
2000
6032
C
3.7
6.4
12.0
5.65
4.0
8.0
2.0
1.5
3.0
0.3
500
7343
V
4.8
7.7
12.0
5.65
4.0
8.0
2.0
1.5
2.4
0.3
500
7343
D
4.8
7.7
12.0
5.65
4.0
8.0
2.0
1.5
3.3
0.3
500
7343H
E
4.7
7.7
12.0
5.5
4.0
8.0
2.0
1.5
4.5
0.6
500
REEL DIMENSIONS (mm)
W
2
E
A
N
D
C
W
1
Tape
Width
AC
D
E
N
W
1
W
2
8mm
178 ±2.0 13 ±0.5 21 ±0.5 2.0 ±0.5 50 min.
10 ±2.0
14.5 max.
12mm
178 ±2.0 13 ±0.5 21 ±0.5 2.0 ±0.5 50 min. 14.5 ±2.0 18.5 max.


Similar Part No. - NTC-T685K10TRAF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTC-T685K4TRAF NIC-NTC-T685K4TRAF Datasheet
107Kb / 7P
   Tantalum Chip Capacitors
NTC-T685K4TRAF NIC-NTC-T685K4TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T685K4TRAF NIC-NTC-T685K4TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T685K4TRAF NIC-NTC-T685K4TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T685K6.3TRAF NIC-NTC-T685K6.3TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
More results

Similar Description - NTC-T685K10TRAF

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com