Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRZJ151M50V10X12.5F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRZJ151M50V10X12.5F
Description  Miniature Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRZJ151M50V10X12.5F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRZJ151M50V10X12.5F Datasheet HTML 1Page - NIC-Components Corp. NRZJ151M50V10X12.5F Datasheet HTML 2Page - NIC-Components Corp. NRZJ151M50V10X12.5F Datasheet HTML 3Page - NIC-Components Corp. NRZJ151M50V10X12.5F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(µF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/100KHz
Max. Z (Ω) 100KHz
Load Life Hours
@+105°C
+20°C
-10°C
NRZJ221M6.3V5X11F
220
6.3
0.22
345
0.40
1.2
6,000
NRZJ471M6.3V6.3X11F
470
0.22
540
0.17
0.51
6,000
NRZJ821M6.3V8X11.5F
820
0.22
945
0.075
0.23
8,000
NRZJ102M6.3V8X16F
1000
0.22
1,250
0.059
0.18
9,000
NRZJ122M6.3V10X12.5F
1200
0.22
1,330
0.053
0.16
9,000
NRZJ152M6.3V8X20F
1500
0.22
1,500
0.041
0.13
9,000
NRZJ182M6.3V10X16F
1800
0.22
1,760
0.038
0.12
10,000
NRZJ272M6.3V10X20F
2700
0.24
1,960
0.028
0.084
10,000
NRZJ332M6.3V10X25F
3300
0.24
2,250
0.024
0.072
10,000
NRZJ392M6.3V12.5X20F
3900
0.24
2,480
0.025
0.075
10,000
NRZJ472M6.3V12.5X25F
4700
0.26
2,900
0.019
0.057
10,000
NRZJ562M6.3V12.5X30F
5600
0.28
3,450
0.018
0.054
10,000
NRZJ682M6.3V16X20F
6800
0.30
3,250
0.021
0.063
10,000
NRZJ682M6.3V12.5X35F
6800
0.30
3,570
0.016
0.048
10,000
NRZJ822M6.3V16X25F
8200
0.32
3,630
0.017
0.051
10,000
NRZJ151M10V5X11F
150
10
0.19
450
0.40
1.2
7,000
NRZJ331M10V6.3X11F
330
0.19
700
0.17
0.51
7,000
NRZJ561M10V8X11.5F
560
0.19
1,200
0.075
0.23
9,000
NRZJ681M10V8X16F
680
0.19
1,600
0.059
0.18
10,000
NRZJ821M10V10X12.5
820
0.19
1,700
0.053
0.16
9,000
NRZJ102M10V8X20F
1000
0.19
1,960
0.041
0.13
10,000
NRZJ122M10V10X16F
1200
0.19
2,000
0.038
0.12
10,000
NRZJ182M10V10X20F
1800
0.19
2,500
0.028
0.084
10,000
NRZJ222M10V10X25F
2200
0.21
2,900
0.024
0.072
10,000
NRZJ272M10V12.5X20F
2700
0.21
2,600
0.025
0.075
10,000
NRZJ332M10V12.5X25F
3300
0.23
3,200
0.019
0.057
10,000
NRZJ472M10V12.5X30F
4700
0.25
3,660
0.018
0.054
10,000
NRZJ472M10V16X20F
4700
0.25
3,330
0.021
0.063
10,000
NRZJ562M10V12.5X35F
5600
0.27
4,120
0.016
0.048
10,000
NRZJ562M10V16X25F
5600
0.27
3,810
0.017
0.051
10,000
NRZJ121M16V5X11F
120
16
0.16
450
0.4
1.2
7,000
NRZJ271M16V6.3X11F
270
0.16
700
0.17
0.51
7,000
NRZJ471M16V8X11.5F
470
0.16
1200
0.075
0.23
9,000
NRZJ561M16V8X16F
560
0.16
1600
0.059
0.18
10,000
NRZJ681M16V10X12.5F
680
0.16
1700
0.053
0.16
10,000
NRZJ821M16V8X20F
820
0.16
1960
0.041
0.13
10,000
NRZJ102M16V10X16F
1000
0.16
2000
0.038
0.12
10,000
NRZJ152M16V10X20F
1500
0.16
2500
0.028
0.084
10,000
NRZJ182M16V10X25F
1800
0.16
2900
0.024
0.072
10,000
NRZJ222M16V12.5X20F
2200
0.18
2600
0.025
0.075
10,000
DIAMETER AND LEADSPACE (mm)
Case Dia. (Df)
5
6.3
8
10 12.5 16
18
Lead Dia. (df)
0.5 0.5 0.6 0.6 0.6 0.8 0.8
Lead Spacing (F) 2.0 2.5 3.5 5.0 5.0 7.5 7.5
Dim. α
0.5 0.5 0.5 0.5 0.5 0.5 0.5
β = L < 16mm = 1.5mm, L > 20mm = 2.0mm
DIMENSIONS (mm)
df ± 0.05
Sleeve
F ± 0.5
Df ± α
4mm
Min.
15mm Min.
L + β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for
details on taped format packaging.
-
+
Frequency (Hz)
120
1K
10K <100K
8.2 ~ 33µF
0.42
0.70
0.90
1.00
47 ~ 270µF
0.50
0.73
0.92
1.00
330 ~ 680µF
0.55
0.77
0.94
1.00
820 ~ 1800µF
0.60
0.80
0.96
1.00
2200 ~ 82000µF 0.70
0.85
0.98
1.00
RIPPLE CURRENT FREQUENCy
CORRECTION FACTOR
NRZJ Series
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D f x L (mm)


Similar Part No. - NRZJ151M50V10X12.5F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRZJ151M50V10X125F NIC-NRZJ151M50V10X125F Datasheet
247Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRZJ151M50V10X12.5F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com