Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRZJ331M35V8X20F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRZJ331M35V8X20F
Description  Miniature Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRZJ331M35V8X20F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRZJ331M35V8X20F Datasheet HTML 1Page - NIC-Components Corp. NRZJ331M35V8X20F Datasheet HTML 2Page - NIC-Components Corp. NRZJ331M35V8X20F Datasheet HTML 3Page - NIC-Components Corp. NRZJ331M35V8X20F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(µF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/100KHz
Max. Z (Ω) 100KHz
Load Life Hours
@+105°C
+20°C
-10°C
NRZJ272M16V12.5X25F
2700
16
0.18
3200
0.019
0.057
10,000
NRZJ332M16V12.5X30F
3300
0.2
3660
0.018
0.054
10,000
NRZJ332M16V16X20F
3300
0.2
3330
0.021
0.063
10,000
NRZJ392M16V12.5X35F
3900
0.2
4120
0.016
0.048
10,000
NRZJ472M16V16X25F
4700
0.22
3810
0.017
0.051
10,000
NRZJ680M25V5X11F
68
25
0.14
450
0.4
1.2
7,000
NRZJ151M25V6.3X11F
150
0.14
700
0.17
0.51
7,000
NRZJ331M25V8X11.5F
330
0.14
1200
0.075
0.23
9,000
NRZJ391M25V8X16F
390
0.14
1600
0.059
0.18
10,000
NRZJ471M25V10X12.5F
470
0.14
1700
0.053
0.16
10,000
NRZJ561M25V8X20F
560
0.14
1960
0.041
0.13
10,000
NRZJ681M25V10X16F
680
0.14
2000
0.038
0.12
10,000
NRZJ102M25V10X20F
1000
0.14
2500
0.028
0.084
10,000
NRZJ122M25V10X25F
1200
0.14
2900
0.024
0.072
10,000
NRZJ152M25V12.5X20F
1500
0.14
2600
0.025
0.075
10,000
NRZJ182M25V12.5X25F
1800
0.14
3200
0.019
0.057
10,000
NRZJ222M25V12.5X30F
2200
0.16
3660
0.018
0.054
10,000
NRZJ222M25V16X20F
2200
0.16
3330
0.021
0.063
10,000
NRZJ272M25V12.5X35F
2700
0.16
4120
0.016
0.048
10,000
NRZJ332M25V16X25F
3300
0.18
3810
0.017
0.051
10,000
NRZJ470M35V5X11F
47
35
0.12
450
0.4
1.2
7,000
NRZJ101M35V6.3X11F
100
0.12
700
0.17
0.51
7,000
NRZJ181M35V8x11.5F
180
0.12
1200
0.075
0.23
9,000
NRZJ221M35V8X16F
220
0.12
1600
0.059
0.18
10,000
NRZJ271M35V10X12.5F
270
0.12
1700
0.053
0.16
10,000
NRZJ331M35V8X20F
330
0.12
1960
0.041
0.13
10,000
NRZJ391M35V10X16F
390
0.12
2000
0.038
0.12
10,000
NRZJ561M35V10X20F
560
0.12
2500
0.028
0.084
10,000
NRZJ681M35V10X25F
680
0.12
2900
0.024
0.072
10,000
NRZJ821M35V12.5X20F
820
0.12
2600
0.025
0.075
10,000
NRZJ122M35V12.5X25F
1200
0.12
3200
0.019
0.057
10,000
NRZJ152M35V12.5X30F
1500
0.12
3660
0.018
0.054
10,000
NRZJ152M35V16X20F
1500
0.12
3330
0.021
0.063
10,000
NRZJ182M35V12.5X35F
1800
0.12
4120
0.016
0.048
10,000
NRZJ182M35V16X25F
1800
0.12
3810
0.017
0.051
10,000
NRZJ270M50V5X11F
27
50
0.10
310
0.48
1.5
7,000
NRZJ560M50V6.3X11F
56
0.10
500
0.22
0.66
7,000
NRZJ101M50V8X11.5F
100
0.10
950
0.12
0.36
9,000
NRZJ121M50V8X16F
120
0.10
1230
0.082
0.25
10,000
NRZJ151M50V10X12.5F
150
0.10
1280
0.073
0.22
10,000
NRZJ181M50V8X20F
180
0.10
1580
0.058
0.18
10,000
NRZJ221M50V10X16F
220
0.10
1650
0.053
0.16
10,000
NRZJ331M50V10X20F
330
0.10
2060
0.038
0.12
10,000
NRZJ391M50V10X25F
390
0.10
2420
0.032
0.10
10,000
NRZJ471M50V12.5X20F
470
0.10
2300
0.032
0.10
10,000
NRZJ681M50V12.5X25F
680
0.10
2800
0.025
0.080
10,000
NRZJ821M50V12.5X30F
820
0.10
3370
0.023
0.074
10,000
NRZJ821M50V16X20F
820
0.10
3070
0.026
0.084
10,000
NRZJ102M50V12.5X35F
1000
0.10
3810
0.021
0.067
10,000
NRZJ102M50V16X25F
1000
0.10
3510
0.022
0.07
10,000
NRZJ180M63V5X11F
18
63
0.09
240
0.71
3.2
6,000
NRZJ470M63V6.3X11F
47
0.09
420
0.28
1.3
6,000
NRZJ820M63V8X11.5F
82
0.09
720
0.18
0.79
8,000
NRZJ101M63V8X16F
100
0.09
990
0.13
0.58
9,000
NRZJ121M63V10X12.5F
120
0.09
990
0.11
0.44
9,000
NRZJ151M63V8X20F
150
0.09
1200
0.096
0.43
9,000
NRZJ181M63V10X16F
180
0.09
1200
0.076
0.31
10,000
NRZJ271M63V10X20F
270
0.09
1570
0.056
0.23
10,000
NRZJ271M63V12.5X16F
270
0.09
1570
0.072
0.27
10,000
NRZJ Series
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D f x L (mm)


Similar Part No. - NRZJ331M35V8X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRZJ331M35V8X20F NIC-NRZJ331M35V8X20F Datasheet
247Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRZJ331M35V8X20F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com