Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCL1904-L Datasheet(PDF) 3 Page - RFHIC

Part # LCL1904-L
Description  Multichip Hybrid Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

LCL1904-L Datasheet(HTML) 3 Page - RFHIC

  LCL1904-L Datasheet HTML 1Page - RFHIC LCL1904-L Datasheet HTML 2Page - RFHIC LCL1904-L Datasheet HTML 3Page - RFHIC LCL1904-L Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCM LNA
LCL1904-L / LCL2304-L
LCL3504-L
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
3 / 4
Version 6.2
Package Dimensions (Type: CP-16B)
* Unit: mm[inch] | Tolerance ±0.15[.006]
Top View
Side View
Bottom View
Pin Description
Pin No
Function
Pin No
Function
1
GND
4
Vcc
2
Input
5
GND
3
GND
6
Output
Recommended Pattern
Recommended Mounting Configuration
* Mounting Configuration Notes
1. Ground / thermal via holes are critical for the proper performance of this device.
2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the board to a heatsink. Ensure that the ground / thermal via hole region contacts the heatsink.
4. Do not put solder mask on the backside of the PCB in the region where the board contacts the heatsink.
5. RF trace width depends upon the PCB material and construction.
6. Use 1 oz. Copper minimum.


Similar Part No. - LCL1904-L

ManufacturerPart #DatasheetDescription
logo
RFHIC
LCL1904-L RFHIC-LCL1904-L Datasheet
188Kb / 3P
   MCM LNA
More results

Similar Description - LCL1904-L

ManufacturerPart #DatasheetDescription
logo
RFHIC
LCL1503-L RFHIC-LCL1503-L_14 Datasheet
186Kb / 4P
   Multichip Hybrid Module
LCL0402-L RFHIC-LCL0402-L_14 Datasheet
177Kb / 4P
   Multichip Hybrid Module
LCL0912-L RFHIC-LCL0912-L_14 Datasheet
177Kb / 4P
   Multichip Hybrid Module
LCL1903-L RFHIC-LCL1903-L_14 Datasheet
176Kb / 4P
   Multichip Hybrid Module
LCL2112-L RFHIC-LCL2112-L_14 Datasheet
177Kb / 4P
   Multichip Hybrid Module
LCL2302-L RFHIC-LCL2302-L_14 Datasheet
186Kb / 4P
   Multichip Hybrid Module
LCL3322-L RFHIC-LCL3322-L_14 Datasheet
176Kb / 4P
   Multichip Hybrid Module
LCL3212-L RFHIC-LCL3212-L_14 Datasheet
177Kb / 4P
   Multichip Hybrid Module
LCL2603-L RFHIC-LCL2603-L_14 Datasheet
186Kb / 4P
   Multichip Hybrid Module
logo
Texas Instruments
SMJ320MCM42C TI-SMJ320MCM42C Datasheet
202Kb / 16P
[Old version datasheet]   DUAL SMJ320C40 MULTICHIP MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com