Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRZX471M16V8X20F Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRZX471M16V8X20F
Description  Miniature Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRZX471M16V8X20F Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRZX471M16V8X20F Datasheet HTML 1Page - NIC-Components Corp. NRZX471M16V8X20F Datasheet HTML 2Page - NIC-Components Corp. NRZX471M16V8X20F Datasheet HTML 3Page - NIC-Components Corp. NRZX471M16V8X20F Datasheet HTML 4Page - NIC-Components Corp. NRZX471M16V8X20F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
RADIAL TAPED PACKAGING
Ammo Box (Tape & Box) TB, TBF1, TBST
Size of box and component quantity
Ammo Box Dimensions (mm)
Scored corner
L
H
W
Label
-
Case Dia (D
φ)
or Case Size
Q'ty per
Box
(pcs)
Dim. L Dim. H
Dim.
W
5x11
2,000
340
255
55
6.3x11
2,000
331
280
48
8x11.5
1,000
335
235
53
8x16, 8x20
500
335
300
53
10x12.5
500
335
190
53
10x16
500
335
300
53
10x20
500
335
300
55
10x23
500
335
300
61
12.5x20
500
335
300
55
12.5x25
500
335
300
61
Taping Dimensions (mm)
SPECIAL STRAIGHT LEAD TAPING TBST*
Case Dia.
(D
φ)
6.3
8
Case Size
6.3x11
8x11.5
Dim.
d
φ ±0.05
0.5
0.6
H ±0.75
18.5
20.0
F +0.8 ~ -0.2
2.5
3.5
P ±1.0
12.7 ±0.2
P
0
12.7 ±0.2
P
1
5.1
4.6
P
2
6.35 ±1.0
W
18.0 ±0.5
W
0
11.5 min.
W
1
9.0 ±0.5
W
2
0 ~ 2.5
H
0
16.0 ±0.5
I
1.0 max.
D
0
φ
4.0 ±0.2
Δh
0 ±1.0 (at top of can)
t
0.7 ±0.2 (not including lead)
* Parts with 4mm diameter are taped with a
slight flare in the lead and a 2.0mm lead-space.
Miniature Aluminum Electrolytic Capacitors
NRZX Series
1max
t
Δh
P
2
P
∅D
P
1
w
2
w
0
w
1.0
P
0
F
S ∅D
0
∅d
W
1
H
*Straight leads will extend from the based of the component to
the edge of the carrier. The section of lead below the adhesive
tape may be straight or formed.


Similar Part No. - NRZX471M16V8X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRZX471M16V8X20F NIC-NRZX471M16V8X20F Datasheet
167Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRZX471M16V8X20F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com