Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2F1G24DT Datasheet(PDF) 3 Page - RFHIC

Part # 2F1G24DT
Description  CATV Line Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

2F1G24DT Datasheet(HTML) 3 Page - RFHIC

  2F1G24DT Datasheet HTML 1Page - RFHIC 2F1G24DT Datasheet HTML 2Page - RFHIC 2F1G24DT Datasheet HTML 3Page - RFHIC 2F1G24DT Datasheet HTML 4Page - RFHIC 2F1G24DT Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CATV Line Amplifier
2F1G24DT
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
3 / 5
Version 1.1
Note for Correct Use
+
47
1. On the power input port (Pin#5), 47uF/35V capacitor GND is
recommended.
2. The heat sink of CATV Hybrids is to be mounted in direct contact with
the metal case of the equipment. Heat conducting grease should be
applied to the module/equipment interface and the unit tightly secured.
3. Put the power off before adjusting in/output matching of the system.
4. The unit must have a common ground with the equipment and the
analyzer.
5. Pay close attention to the input voltage not to over power the hybrid.
6. The space between bottom of socket and the tip of the lead is
recommended to have space of 2mm+ to protect the pin
7. Do not open the plastic cover to change the matching inside the hybrid.
Once opened, RFHIC will not be responsible for the hybrid.
8. This CATV Hybrid amplifier is designed with GaAs technology and can
be damaged by electrical shock. To protect the device from excessive AC
input, user should use a high pass filter(Note 1*) at the in/output port of
the system/equipment to be on the safe side.
Note 1*. Recommend High Pass Filter ; Temperature = 25°C
PARAMETER
UNIT
MIN
TYP
MAX
Cutoff Frequency
MHz
-
45
-
Operating Frequency
MHz
45
-
1000
Return Loss
dB
15
-
-
Attenuation @ DC ~ 20MHz
dBc
25
-
-
In/Out Impedance
Ohm
-
75
-
ESD Protection
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper
ESD control techniques should be used when handling these devices. Some of the precautions recommended are;
- Person at a workbench should be earthed via a wrist strap and a resistor.
- All mains-powered equipment should be connected to the mains via an earth-leakage switch.
- Equipment cases should be grounded.
- Relative humidity should be maintained between 40% and 50%.
- An ionizer is recommended.
- Keep static materials, such as plastic envelopes and plastic trays etc. away from the workbench.


Similar Part No. - 2F1G24DT

ManufacturerPart #DatasheetDescription
logo
RFHIC
2F1G24D RFHIC-2F1G24D Datasheet
228Kb / 4P
   CATV Line Amplifier
More results

Similar Description - 2F1G24DT

ManufacturerPart #DatasheetDescription
logo
RFHIC
2F8720P RFHIC-2F8720P_14 Datasheet
214Kb / 5P
   CATV Line Amplifier
2F8725P RFHIC-2F8725P_14 Datasheet
215Kb / 5P
   CATV Line Amplifier
2F8719DS RFHIC-2F8719DS Datasheet
164Kb / 3P
   CATV Line Amplifier
2F8729D RFHIC-2F8729D Datasheet
228Kb / 4P
   CATV Line Amplifier
2F8723P RFHIC-2F8723P Datasheet
163Kb / 3P
   CATV Line Amplifier
1F8719P RFHIC-1F8719P Datasheet
199Kb / 3P
   CATV Line Amplifier
2F8722D RFHIC-2F8722D Datasheet
163Kb / 3P
   CATV Line Amplifier
2F1G20DS RFHIC-2F1G20DS_14 Datasheet
215Kb / 5P
   CATV Line Amplifier
2F8718P RFHIC-2F8718P_14 Datasheet
214Kb / 5P
   CATV Line Amplifier
2F8719DS RFHIC-2F8719DS_14 Datasheet
215Kb / 5P
   CATV Line Amplifier
2F1G22DS RFHIC-2F1G22DS Datasheet
200Kb / 3P
   CATV Line Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com