Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPR2430A Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # LPR2430A
Description  802.15.4 Transceiver Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LPR2430A Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  LPR2430A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LPR2430A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LPR2430A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LPR2430A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LPR2430A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Pin
Name
I/O
Description
1
GND
-
Power supply and signal ground. Connect to the host circuit board ground.
2
ACTIVITY
O
RF activity indicator. Output pulses high when a packet is sent or received.
3
LINK
O
Link indicator. Output is high when the radio has successfully joined a network.
4
GPIO0
(ADC_REF)
I/O
Configurable digital I/O port 0. When configured as an output, the power-on state is also configurable. This pin can also
be configured as a reference voltage input for the ADCs, 0 to 3.3 V, 1.25 V typical.
5
RADIO_TXD
O
Serial data output (UART) from the radio to the host.
6
RADIO_RXD
I
Serial data input (UART) from the host to the radio.
7
GPIO4
(/HOST_CTS )
I/O
Configurable digital I/O port 4. When configured as an output, the power-on state is also configurable. Also configurable
as UART flow control output. The LPR2430 sets this line low to indicate it is ready to accept data from the host on the
RADIO_RXD input. When the LPR2430 sets this line high, the host must stop sending data. The default state is GPIO4.
8
GPIO5
(/HOST_RTS)
I/O
Configurable digital I/O port 5. When configured as an output, the power-on state is also configurable. Also configurable
as UART flow control input. The host sets this line low to allow data to flow from the RADIO_TXD pin. When the host sets
this line high, the LPR2430 will stop sending data to the host. The default state is GPIO5.
9
PWM0
O
Pulse-width modulated output 0 with internal low-pass filter. Provides a DAC function, 0 to 3.3 V.
10
GPIO2
(PWM1)
I/O
Configurable digital I/O port 2. When configured as an output, the power-on state is also configurable. This pin is con-
nected to the input of the low-pass filter driving Pin 13, and is also configurable as a PWM output.
11
GPIO1
I/O
Configurable digital I/O port 1. When configured as an output, the power-on state is also configurable.
12
GPIO3
(RS485_EN)
I/O
Configurable digital I/O port 3. When configured as an output, this high current port can sink up to 20 mA. The power-on
output state is also configurable. Can also be configured as active low transmit enable for controlling an RS485 or other
half-duplex bus driver.
13
PWM1
(GPIO2)
O
GPIO2 (Pin 10) drives this pin through a low-pass filter. Provides a DAC function when GPIO2 is configured as a PWM
output.
14
VCC
I
Power supply input, +3.3 to +5.5 Vdc.
15
GND
-
Power supply and signal grounds. Connect to the host circuit board ground.
16
GND
-
Power supply and signal grounds. Connect to the host circuit board ground.
17
/RESET
I
Active low module hardware reset. Hold this input low when the power supply input is less than 3.3 Vdc. The module firm-
ware boots up and will accept commands about 3 seconds after this input goes high.
18
ADC0
I
11-bit ADC input 0. ADC full scale reading can be referenced to the module’s +3.3 V regulated supply, the ADC’s internal
+2.5 V reference, or ADC_REF (Pin 4).
19
ADC1
I
ADC input 1. Same configuration options as ADC0.
20
RSVD
-
Reserved pin. Leave unconnected.
21
RSVD
-
Reserved pin. Leave unconnected.
22
RSVD
-
Reserved pin. Leave unconnected.
23
RSVD
-
Reserved pin. Leave unconnected.
24
ADC2
I
ADC input 2. Same configuration options as ADC0.
25
ADC_VDD
O
Module’s +3.3 V regulated supply, used for ratiometric ADC readings. Current drain should be less than 5 mA.
26
NC
-
No connection.
27
NC
-
No connection.
28
GND
-
RF ground. Connect to the host circuit board ground plane.
29
NC
-
No connection.
30
GND
-
RF ground. Connect to the host circuit board ground plane.
www.RFM.com E-mail: info@rfm.com
Page4of5
©2009 by RF Monolithics, Inc.
LPR2430A - 06/19/09
LPR2430A I/O Pad Descriptions


Similar Part No. - LPR2430A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LPR2430ADK MURATA-LPR2430ADK Datasheet
359Kb / 1P
   Everything you need to get a wireless link going in less than 10 minutes
More results

Similar Description - LPR2430A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LPR2430 MURATA-LPR2430 Datasheet
380Kb / 6P
   802.15.4 Transceiver Module
logo
List of Unclassifed Man...
DWM1000 ETC2-DWM1000 Datasheet
1Mb / 29P
   IEEE 802.15.4-2011 UWB Transceiver Module
DWM3000 ETC1-DWM3000 Datasheet
927Kb / 24P
   IEEE 802.15.4-z UWB Transceiver Module
logo
Qorvo, Inc
DWM1000 QORVO-DWM1000 Datasheet
1Mb / 33P
   IEEE 802.15.4-2011 UWB Transceiver Module
logo
Microchip Technology
MRF24J40MA MICROCHIP-MRF24J40MA Datasheet
484Kb / 30P
   2.4 GHz IEEE Std. 802.15.4 RF Transceiver Module
2008
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
logo
Murata Manufacturing Co...
LPR2430ER MURATA-LPR2430ER Datasheet
351Kb / 6P
   High Power 802.15.4 Module
logo
Microchip Technology
MRF24J40MB MICROCHIP-MRF24J40MB Datasheet
562Kb / 34P
   2.4 GHz IEEE Std. 802.15.4, 20 dBm RF Transceiver Module
03/26/09
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com