Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPR2430ER Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # LPR2430ER
Description  High Power 802.15.4 Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LPR2430ER Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  LPR2430ER Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LPR2430ER Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LPR2430ER Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LPR2430ER Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LPR2430ER Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LPR2430ER Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page3of6
©2009 by RF Monolithics, Inc.
LPR2430ER - 06/19/09
LPR2430ER Hardware
The major hardware component of the LPR2430ER is
the CC2430 IEEE 802.15.4 compatible transceiver
with integrated 8051 microcontroller. The LPR2430ER
operates in the frequency band of 2405 to 2475 MHz
at a nominal output power of 63 mW.
The LPR2430ER includes a low noise preamplifier in
the receiver path and a power amplifier in the transmit-
ter path, greatly increasing the operating range of the
CC2430. Two crystals are provided to operate the
CC2430, a 32 MHz crystal for normal operation and a
32.768 kHz crystal for precision sleep mode operation.
The LPR2430ER provides a variety of application
hardware interfaces including a UART interface, three
11-bit ADC inputs, two PWM (DAC) outputs, and six
general purpose digital I/O ports.
LPR2430ER Firmware
The main firmware components in the LPR2430ER in-
clude the 802.15.4 Media Access Control (MAC) layer
and the CNL V2.0 Networking Layer. CNL V2.0 sup-
ports up to 63 remotes. Network topologies include
point-to-point, point-to-multipoint and peer-to-peer.
CNL employs one-hop relay forwarding to mitigate
network transmission problems such as multipath fad-
ing. CNL includes provisions for low-power sleep
mode operation with periodic wakeup and report. The
CNL Application Programming Interface (API) pro-
vides an easy-to-use, flexible set of application com-
mands and functions. The API includes support for
send/receive serial data, read/write GPIO, read ADC
inputs, write PWM outputs and module configuration
services. In addition, CNL supports analog and digital
I/O binding, which maps an ADC measurement and
the states of two digital inputs on one LPR2430ER to
a PWM output and two digital outputs on another
LPR2430ER. See the LPR2430 Series Integration
Guide for complete details of the CNL API.
1 8
1 9
2 0
2 1
2 2
2 3
1 7
1 6
2 4
2 5
2 6
1 5
1 4
1 3
1 2
1 1
1 0
9
8
7
6
5
L P R 2 4 3 0 E R B l o c k D i a g r a m
2 7
C C 2 4 3 0
8 0 2 . 1 5 . 4
R a d i o a n d
M i c r o c o n t r o l l e r
4
3
2
1
R e g
F i l t e r
F i l t e r
G N D
A C T I V I T Y
L I N K
G P I O 0 ( A D C _ R E F )
R A D I O _ T X D
R A D I O _ R X D
/ H O S T _ C T S ( G P I O 4 )
/ H O S T _ R T S ( G P I O 5 )
P W M 0
G P I O 2 ( P W M 1 )
G P I O 1
G P I O 3 ( R S 4 8 5 _ E N )
P W M 1 ( G P I O 2 )
V C C
G N D
2 9
+ 3 . 3 V
R F I O
3 2 M H z
3 2 . 7 6 8 k H z
S w i t c h
T / R
T / R
P W R
P R E
F i l t e r
+ 3 . 3 V
3 0
2 8
T X / R X
C o m b i n e r
Figure 1


Similar Part No. - LPR2430ER

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LPR2430ERA MURATA-LPR2430ERA Datasheet
427Kb / 5P
   High Power 802.15.4 Module with Chip Antenna
LPR2430ERADK MURATA-LPR2430ERADK Datasheet
389Kb / 1P
   Everything you need to get a wireless link going in less than 10 minutes
LPR2430ERDK MURATA-LPR2430ERDK Datasheet
392Kb / 1P
   RFM products are now Murata products
More results

Similar Description - LPR2430ER

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LPR2430ERA MURATA-LPR2430ERA Datasheet
427Kb / 5P
   High Power 802.15.4 Module with Chip Antenna
logo
Skyworks Solutions Inc.
SE2436L SKYWORKS-SE2436L Datasheet
262Kb / 13P
   High Power 2.4 GHz 802.15.4 Front End Module
logo
Murata Manufacturing Co...
LPR2430 MURATA-LPR2430 Datasheet
380Kb / 6P
   802.15.4 Transceiver Module
LPR2430A MURATA-LPR2430A Datasheet
319Kb / 5P
   802.15.4 Transceiver Module
logo
List of Unclassifed Man...
DWM1000 ETC2-DWM1000 Datasheet
1Mb / 29P
   IEEE 802.15.4-2011 UWB Transceiver Module
DWM3000 ETC1-DWM3000 Datasheet
927Kb / 24P
   IEEE 802.15.4-z UWB Transceiver Module
logo
Linear Technology
LTP5902-WHM LINER-LTP5902-WHM Datasheet
832Kb / 29P
   2.4 GHz 802.15.4 EternaTM Mote Module
logo
Qorvo, Inc
DWM1000 QORVO-DWM1000 Datasheet
1Mb / 33P
   IEEE 802.15.4-2011 UWB Transceiver Module
logo
STMicroelectronics
STM32WB5MMG STMICROELECTRONICS-STM32WB5MMG Datasheet
3Mb / 31P
   Bluetooth짰 Low Energy 5.0 and 802.15.4 module
Rev 1 - November 2020
logo
Panasonic Semiconductor
PAN4620 PANASONIC-PAN4620 Datasheet
1Mb / 61P
   IEEE 802.15.4 and Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com