Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLC820M450V22X25SF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRLC820M450V22X25SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLC820M450V22X25SF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRLC820M450V22X25SF Datasheet HTML 1Page - NIC-Components Corp. NRLC820M450V22X25SF Datasheet HTML 2Page - NIC-Components Corp. NRLC820M450V22X25SF Datasheet HTML 3Page - NIC-Components Corp. NRLC820M450V22X25SF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLC Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
Part Number
Cap.
(µF)
Voltage
(Vdc)
Case Size
(mm)
ESR
(Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
Load Life
@ +85°C
(Hours)
120Hz
120Hz
10K ~ 50KHz
NRLC331M250V25X31SF
330
250
25X31
1.01
1470
1764
3,000
NRLC391M250V22X41SF
390
22X41
0.85
1720
2064
3,000
NRLC391M250V25X35SF
390
25X35
0.85
1720
2064
3,000
NRLC471M250V22X45SF
470
22X45
0.71
1960
2352
3,000
NRLC471M250V25X41SF
470
25X41
0.71
1960
2352
3,000
NRLC471M250V30X31SF
470
30X31
0.71
1860
2232
3,000
NRLC561M250V22X51SF
560
22X51
0.59
2270
2724
3,000
NRLC561M250V25X45SF
560
25X45
0.59
2140
2568
3,000
NRLC561M250V30X35SF
560
30X35
0.59
2140
2568
3,000
NRLC681M250V25X51SF
680
25X51
0.49
2440
2928
3,000
NRLC681M250V30X41SF
680
30X41
0.49
2470
2964
3,000
NRLC821M250V30X45SF
820
30X45
0.40
2720
3264
3,000
NRLC821M250V35X35SF
820
35X35
0.40
2700
3240
3,000
NRLC102M250V30X51SF
1000
30X51
0.33
3240
3888
3,000
NRLC102M250V35X41SF
1000
35X41
0.33
3180
3816
3,000
NRLC122M250V35X51SF
1200
35X51
0.28
3500
4200
3,000
NRLC820M400V22X25SF
82
400
22X25
4.05
760
874
3,000
NRLC101M400V22X31SF
100
22X31
3.32
900
1035
3,000
NRLC121M400V22X31SF
120
22X31
2.76
1000
1150
3,000
NRLC121M400V25X25SF
120
25X25
2.76
1030
1184
3,000
NRLC151M400V22X35SF
150
22X35
2.21
1130
1299
3,000
NRLC151M400V25X31SF
150
25X31
2.21
1160
1334
3,000
NRLC181M400V22X41SF
180
22X41
1.84
1290
1483
3,000
NRLC181M400V25X35SF
180
25X35
1.84
1320
1518
3,000
NRLC181M400V30X25SF
180
30X25
1.84
1380
1587
3,000
NRLC221M400V22X45SF
220
22X45
1.51
1440
1656
3,000
NRLC221M400V25X41SF
220
25X41
1.51
1500
1725
3,000
NRLC221M400V30X31SF
220
30X31
1.51
1520
1748
3,000
NRLC271M400V25X45SF
270
25X45
1.23
1630
1874
3,000
NRLC271M400V30X35SF
270
30X35
1.23
1660
1909
3,000
NRLC331M400V25X51SF
330
25X51
1.01
1820
2093
3,000
NRLC331M400V30X41SF
330
30X41
1.01
1870
2150
3,000
NRLC331M400V35X31SF
330
35X31
1.01
1870
2150
3,000
NRLC391M400V30X45SF
390
30X45
0.85
2060
2369
3,000
NRLC391M400V35X35SF
390
35X35
0.85
2080
2392
3,000
NRLC471M400V30X51SF
470
30X51
0.71
2280
2622
3,000
NRLC471M400V35X41SF
470
35X41
0.71
2310
2656
3,000
NRLC561M400V35X45SF
560
35X45
0.59
2600
2990
3,000
NRLC681M400V35X51SF
680
35X51
0.49
2830
3254
3,000
NRLC820M420V22X25SF
82
420
(continue
next page)
22X25
4.05
780
897
3,000
NRLC101M420V22X31SF
100
22X31
3.32
880
1012
3,000
NRLC101M420V25X25SF
100
25X25
3.32
890
1023
3,000
NRLC121M420V22X31SF
120
22X31
2.76
980
1127
3,000
NRLC121M420V25X31SF
120
25X31
2.76
990
1138
3,000
NRLC151M420V22X35SF
150
22X35
2.21
1100
1265
3,000
NRLC151M420V25X31SF
150
25X31
2.21
1150
1322
3,000
NRLC151M420V30X25SF
150
30X25
2.21
1190
1368
3,000
NRLC181M420V22X41SF
180
22X41
1.84
1210
1391
3,000
NRLC181M420V25X35SF
180
25X35
1.84
1300
1495
3,000


Similar Part No. - NRLC820M450V22X25SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLC820M450V22X25SF NIC-NRLC820M450V22X25SF Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLC820M450V22X25SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com