Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTR10C1003BTR1KF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NTR10C1003BTR1KF
Description  Thin Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTR10C1003BTR1KF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NTR10C1003BTR1KF Datasheet HTML 1Page - NIC-Components Corp. NTR10C1003BTR1KF Datasheet HTML 2Page - NIC-Components Corp. NTR10C1003BTR1KF Datasheet HTML 3Page - NIC-Components Corp. NTR10C1003BTR1KF Datasheet HTML 4Page - NIC-Components Corp. NTR10C1003BTR1KF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
ENVIRONMENTAL CHARACTERISTICS
TYPICAL NOISE CHARACTERISTICS
Resistance
Value (
Ω)
Case Size
0603
0805
1206
1 ~ 9
-95dB
-95dB
-95dB
10 ~ 49
-85dB
-85dB
-85dB
50 ~ 99
-85dB
-85dB
-85dB
100 ~ 4.99K
-100dB
-100dB
-105dB
5K ~ 19.9K
-100dB
-100dB
-100dB
20K ~ 1M
-90dB
-100dB
-100dB
Thin Film Chip Resistors
NTR Series
0
20
40
60 70
80
100
120
140
155
100
80
60
40
30
20
Temperature °C
Power Derating Curve: For operation above 70°C, power rating
must be derated according to the following chart:
0201
All Other Sizes
125°C
*0201 testing per IEC 60115 - 1
Item
Specification
Typical
Test Method*
Tol.
< 0.05%
Tol.
> 0.05%
Tol. > 0.05%
0402
0402
0603
0603
0805
0805
Standard Temperature Range: -55°C ~ +155°C (power derating above +70°C)
Temperature Coefficient
of Resistance
As
specified
As
specified
-
-
-
+25/-55/+25/+125/+25
Short Time Overload
ΔR
±0.05%
ΔR ±0.2% -0.001% -0.002% -0.005%
RCWV x 2.5 or Max Overloading Voltage for 5 Seconds
Dielectric Withstanding
Voltage
As
specified
265V
298V
415V
MIL-STD-202F Method 301
Apply Max. Overload Voltage for 1 minute
Insulation Resistance
>1000M
Ω
>10G
Ω
MIL-STD-202F Method 302
Apply 100Vdc for 1 minute
Thermal Shock
(N/A 0201 Size)
ΔR
±0.05%
ΔR
±0.25%
0.001% -0.02% 0.002%
MIL-STD-202F Method 107G
-55°C ~ +150°C, 100 cycles
Load Life
ΔR
±0.05%
ΔR ±0.2%
no change
MIL-STD-202F Method 108A
RCWV +70°C, 1.5 hours ON, 0.5 hours OFF
Total time 1,000 ~ 1,048 hours
>7K
Ω ΔR ±0.5%
0.02%
0.03%
0.06%
Humidity (Steady State)
ΔR
±0.05%
ΔR ±0.3% 0.003% 0.005% 0.007%
MIL-STD-202F Method 103B
+40°C, 90% ~ 95% RH, RCWV 1.5 hours ON, 0.5 hours OFF
Total time 1,000 ~ 1,048 hours
Resistance to Dry Heat
(N/A 0201 Size)
ΔR
±0.05%
ΔR ±0.5% 0.07%
0.02%
0.025%
MIL-STD-202 Method 108
+125°C, 1000 hours
Low Temperature
Operation
(N/A 0201 Size)
ΔR
±0.05%
ΔR ±0.2% 0.006% 0.008% 0.001%
JIS-C-502-7.1
1 hour @ -65°C followed by 45 minutes of RCWV
Bending Strength
ΔR
±0.05%
ΔR ±0.2% 0.001% -0.010% 0.002%
JIS-C-5202-6.1.4
Bending Amplitude 3mm for 10 seconds
Solderability
95% Minimum
Coverage
>95%
MIL-STD-202F Method 208H
245°C ±5°C, 5 ±0.5 seconds
Resistance to Soldering
Heat
ΔR
±0.05%
ΔR ±0.2% 0.001% -0.02% 0.006%
MIL-STD-202F Method 210E
260°C ±5°C for 10 ±1 seconds


Similar Part No. - NTR10C1003BTR1KF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR1P02 ONSEMI-NTR1P02 Datasheet
91Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 8
NTR1P02L ONSEMI-NTR1P02L Datasheet
95Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 14
NTR1P02LT1 ONSEMI-NTR1P02LT1 Datasheet
46Kb / 6P
   Power MOSFET
July, 2004 ??Rev. 5
NTR1P02LT1 ONSEMI-NTR1P02LT1 Datasheet
124Kb / 5P
   Power MOSFET -20 V, -1.3 A, P-Channel SOT-23 Package
May, 2006 ??Rev. 8
NTR1P02LT1G ONSEMI-NTR1P02LT1G Datasheet
46Kb / 6P
   Power MOSFET
July, 2004 ??Rev. 5
More results

Similar Description - NTR10C1003BTR1KF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
Vishay Siliconix
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com