Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLUW271M350V25X35SF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRLUW271M350V25X35SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLUW271M350V25X35SF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRLUW271M350V25X35SF Datasheet HTML 1Page - NIC-Components Corp. NRLUW271M350V25X35SF Datasheet HTML 2Page - NIC-Components Corp. NRLUW271M350V25X35SF Datasheet HTML 3Page - NIC-Components Corp. NRLUW271M350V25X35SF Datasheet HTML 4Page - NIC-Components Corp. NRLUW271M350V25X35SF Datasheet HTML 5Page - NIC-Components Corp. NRLUW271M350V25X35SF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLUW Series
Part Number
Voltage
(VDC)
Cap
(µF)
Case Size
D x L (mm)
Dissipation
Factor
Max. Leakage
Current (µA)
Max. Ripple Current
(Arms @ 105°C)
120Hz
10KHz ~ up
NRLUW471M400V30X40SF
400
470
30X40
0.2
1300
1.89
2.64
NRLUW471M400V35X35SF
470
35X35
0.2
1300
1.78
2.49
NRLUW561M400V30X45SF
560
30X45
0.2
1419
1.98
2.77
NRLUW561M400V35X40SF
560
35X40
0.2
1419
1.98
2.77
NRLUW681M400V35X45SF
680
35X45
0.2
1564
2.19
3.06
NRLUW821M400V35X50SF
820
35X50
0.2
1718
2.42
3.38
NRLUW101M420V22X25SF
420
100
22X25
0.2
614
0.74
1.03
NRLUW121M420V22X30SF
120
22X30
0.2
673
0.86
1.20
NRLUW151M420V22X35SF
150
22X35
0.2
752
0.98
1.37
NRLUW151M420V25X25SF
150
25X25
0.2
752
0.90
1.26
NRLUW181M420V22X40SF
180
22X40
0.2
824
1.09
1.52
NRLUW181M420V25X30SF
180
25X30
0.2
824
1.05
1.47
NRLUW221M420V22X45SF
220
22X45
0.2
911
1.21
1.69
NRLUW221M420V25X35SF
220
25X35
0.2
911
1.19
1.66
NRLUW221M420V30X25SF
220
30X25
0.2
911
1.12
1.56
NRLUW271M420V22X50SF
270
22X50
0.2
1010
1.34
1.87
NRLUW271M420V25X40SF
270
25X40
0.2
1010
1.34
1.87
NRLUW271M420V30X30SF
270
30X30
0.2
1010
1.30
1.82
NRLUW271M420V35X25SF
270
35X25
0.2
1010
1.27
1.77
NRLUW331M420V25X45SF
330
25X45
0.2
1116
1.47
2.05
NRLUW331M420V30X35SF
330
30X35
0.2
1116
1.47
2.05
NRLUW331M420V35X30SF
330
35X30
0.2
1116
1.45
2.03
NRLUW391M420V30X40SF
390
30X40
0.2
1214
1.64
2.29
NRLUW391M420V35X35SF
390
35X35
0.2
1214
1.68
2.35
NRLUW471M420V30X45SF
470
30X45
0.2
1332
1.81
2.53
NRLUW471M420V35X35SF
470
35X35
0.2
1332
1.71
2.39
NRLUW561M420V30X50SF
560
30X50
0.2
1454
2.07
2.89
NRLUW561M420V35X40SF
560
35X40
0.2
1454
2.07
2.89
NRLUW681M420V35X50SF
680
35X50
0.2
1603
2.43
3.40
NRLUW101M450V22X25SF
450
100
22X25
0.2
636
0.73
1.02
NRLUW121M450V22X30SF
120
22X30
0.2
697
0.84
1.17
NRLUW121M450V25X25SF
120
25X25
0.2
697
0.87
1.21
NRLUW151M450V22X35SF
150
22X35
0.2
779
0.97
1.35
NRLUW151M450V25X30SF
150
25X30
0.2
779
0.89
1.24
NRLUW181M450V22X40SF
180
22X40
0.2
853
1.08
1.51
NRLUW181M450V25X30SF
180
25X30
0.2
853
1.03
1.44
NRLUW181M450V30X25SF
180
30X25
0.2
853
1.08
1.51
NRLUW221M450V22X45SF
220
22X45
0.2
943
1.17
1.63
NRLUW221M450V25X35SF
220
25X35
0.2
943
1.17
1.63
NRLUW221M450V30X30SF
220
30X30
0.2
943
1.10
1.54
NRLUW221M450V35X25SF
220
35X25
0.2
943
1.04
1.45
NRLUW271M450V25X45SF
270
25X45
0.2
1045
1.43
2.00
NRLUW271M450V30X30SF
270
30X30
0.2
1045
1.28
1.79
NRLUW271M450V35X30SF
270
35X30
0.2
1045
1.25
1.75
NRLUW331M450V25X50SF
330
25X50
0.2
1156
1.45
2.03


Similar Part No. - NRLUW271M350V25X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLUW271M350V25X35SF NIC-NRLUW271M350V25X35SF Datasheet
95Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLUW271M350V25X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com