Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVR10K270S-F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NVR10K270S-F
Description  Leaded Metal Oxide Varistors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVR10K270S-F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NVR10K270S-F Datasheet HTML 1Page - NIC-Components Corp. NVR10K270S-F Datasheet HTML 2Page - NIC-Components Corp. NVR10K270S-F Datasheet HTML 3Page - NIC-Components Corp. NVR10K270S-F Datasheet HTML 4Page - NIC-Components Corp. NVR10K270S-F Datasheet HTML 5Page - NIC-Components Corp. NVR10K270S-F Datasheet HTML 6Page - NIC-Components Corp. NVR10K270S-F Datasheet HTML 7Page - NIC-Components Corp. NVR10K270S-F Datasheet HTML 8Page - NIC-Components Corp. NVR10K270S-F Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Leaded Metal Oxide Varistors
NVR Series
NVR10 SPECIFICATIONS
Part Number
Varistor
Voltage
(1mA DC)
Max.
Operating
Voltage
Max. Clamping
Voltage
(8/20
μS)
Max. Surge
Current
(8/20
μS)
Rated
Power
Max.
Energy
(10/1000
μs)
Ref.
Capacitance
@ 1KHz
W
± 1.0
UL1449
3rd Rev.
SPD
Appl.
V (1mA)
Vac
(rms)
Vdc
Ip (A)
Vp
I max. (A)
Watts
Joules
pF
mm
NVR10K180S_ _F
18 (16~20)
11
14
5
36
500
0.05
2.1
4500
1.3
Other
Applications
(See page 8,
table 2)
NVR10K220S_ _F
22 (20~24)
14
18
5
43
500
0.05
2.5
3500
1.4
NVR10K270S_ _F
27 (24~30)
17
22
5
53
500
0.05
3
3000
1.5
NVR10K330S_ _F
33 (30~36)
20
26
5
65
500
0.05
4
2500
1.7
NVR10K390S_ _F
39 (35~43)
25
31
5
77
500
0.05
4.6
2000
1.8
NVR10K470S_ _F
47 (42~52)
30
38
5
93
500
0.05
5.5
1500
1.8
NVR10K560S_ _F
56 (50~62)
35
45
5
110
500
0.05
7
1350
1.9
NVR10K680S_ _F
68 (61~75)
40
56
5
135
500
0.05
8.2
1250
2.2
NVR10K820S_ _F
82 (74~90)
50
65
25
135
2500
0.4
12
1000
1.6
NVR10K101S_ _F
100 (90~110)
60
85
25
165
2500
0.4
15
920
1.8
NVR10K121S_ _F
120 (108~132)
75
100
25
200
2500
0.4
18
830
2.0
NVR10K151S_ _F
150 (135~165)
95
125
25
250
2500
0.4
22
760
1.8
NVR10K181S_ _F
180 (162~198)
115
150
25
300
2500
0.4
27
310
1.6
NVR10K201S_ _F
200 (180~220)
130
170
25
340
2500
0.4
30
290
1.7
NVR10K221S_ _F
220 (198~242)
140
180
25
360
2500
0.4
32
270
1.7
NVR10K241S_ _F
240 (216~264)
150
200
25
395
2500
0.4
35
240
1.8
NVR10K271S_ _F
270 (243~297)
175
225
25
455
2500
0.4
40
230
1.9
NVR10K301S_ _F
300 (270~330)
195
250
25
500
2500
0.4
40
210
2.1
NVR10K331S_ _F
330 (297~363)
215
275
25
550
2500
0.4
43
200
2.2
NVR10K361S_ _F
360 (324~396)
230
300
25
595
2500
0.4
47
190
2.3
NVR10K391S_ _F
390 (351~429)
250
320
25
650
2500
0.4
60
175
2.5
NVR10K431S_ _F
430 (387~473)
275
350
25
710
2500
0.4
65
160
2.5
NVR10K471S_ _F
470 (423~517)
300
385
25
775
2500
0.4
70
150
2.6
NVR10K511S_ _F
510 (459~561)
320
410
25
845
2500
0.4
70
130
2.8
NVR10K561S_ _F
560 (504~616)
350
450
25
930
2500
0.4
70
120
3.0
NVR10K621S_ _F
620 (558~682)
395
510
25
1020
2500
0.4
70
110
3.2
NVR10K681S_ _F
680 (612~748)
420
560
25
1120
2500
0.4
70
100
3.4
NVR10K751S_ _F
750 (675~825)
465
615
25
1235
2500
0.4
75
90
3.7
NVR10K821S_ _F
820 (738~902)
510
670
25
1355
2500
0.4
85
80
3.4
NVR10K911S_ _F
910 (819~1001)
550
745
25
1500
2500
0.4
93
70
3.7
NVR10K102S_ _F
1000
(900~1100)
625
825
25
1650
2500
0.4
102
65
4.0
NVR10K112S_ _F
1100
(990~1210)
680
895
25
1815
2500
0.4
115
60
4.3
NVR10K122S_ _F
1200
(1080-1320)
725
975
25
1980
2500
0.4
125
55
5.2
NVR10K142S_ _F
1400
(1260-1540)
820
1140
25
2300
2500
0.4
145
45
6.0
NVR10K162S_ _F
1600
(1440-1760)
910
1300
25
2630
2500
0.4
165
40
6.7
NVR10K182S_ _F
1800
(1620-1980)
1000
1465
25
2950
2500
0.4
185
35
7.4


Similar Part No. - NVR10K270S-F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVR1P02 ONSEMI-NVR1P02 Datasheet
91Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 8
NVR1P02T1 ONSEMI-NVR1P02T1 Datasheet
135Kb / 5P
   ??0 V, ?? A, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 6
NVR1P02T1G ONSEMI-NVR1P02T1G Datasheet
135Kb / 5P
   Power MOSFET
October, 2011 ??Rev. 6
NVR1P02T1G ONSEMI-NVR1P02T1G Datasheet
91Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 8
logo
VBsemi Electronics Co.,...
NVR1P02T1G VBSEMI-NVR1P02T1G Datasheet
465Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - NVR10K270S-F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72210S171K101 EPCOS-B72210S171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S2321K151 EPCOS-B72214S2321K151 Datasheet
725Kb / 34P
   SIOV metal oxide varistors Leaded varistors, AdvanceD series
B72214S1140K552 EPCOS-B72214S1140K552 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
SIOV-S14K130G5S5 EPCOS-SIOV-S14K130G5S5 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
B72214S551K101 EPCOS-B72214S551K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com