Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLC271M420V30X41SF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRLC271M420V30X41SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLC271M420V30X41SF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRLC271M420V30X41SF Datasheet HTML 1Page - NIC-Components Corp. NRLC271M420V30X41SF Datasheet HTML 2Page - NIC-Components Corp. NRLC271M420V30X41SF Datasheet HTML 3Page - NIC-Components Corp. NRLC271M420V30X41SF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLC Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
Part Number
Cap.
(µF)
Voltage
(Vdc)
Case Size
(mm)
ESR
(Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
Load Life
@ +85°C
(Hours)
120Hz
120Hz
10K ~ 50KHz
NRLC271M200V22X25SF
270
200
22X25
1.23
1250
1500
3,000
NRLC331M200V22X25SF
330
22X25
1.01
1320
1584
3,000
NRLC391M200V22X31SF
390
22X31
0.85
1510
1812
3,000
NRLC391M200V25X25SF
390
25X25
0.85
1560
1872
3,000
NRLC471M200V22X31SF
470
22X31
0.71
1730
2076
3,000
NRLC471M200V25X31SF
470
25X31
0.71
1780
2136
3,000
NRLC561M200V22X35SF
560
22X35
0.59
1910
2292
3,000
NRLC561M200V25X31SF
560
25X31
0.59
1960
2352
3,000
NRLC561M200V30X25SF
560
30X25
0.59
1960
2352
3,000
NRLC681M200V22X41SF
680
22X41
0.49
2170
2604
3,000
NRLC681M200V25X35SF
680
25X35
0.49
2260
2712
3,000
NRLC681M200V30X31SF
680
30X31
0.49
2270
2724
3,000
NRLC821M200V22X45SF
820
22X45
0.40
2450
2940
3,000
NRLC821M200V25X41SF
820
25X41
0.40
2540
3048
3,000
NRLC821M200V30X31SF
820
30X31
0.40
2530
3036
3,000
NRLC102M200V22X55SF
1000
22X55
0.33
2880
3456
3,000
NRLC102M200V25X45SF
1000
25X45
0.33
2990
3588
3,000
NRLC102M200V30X35SF
1000
30X35
0.33
2870
3444
3,000
NRLC122M200V25X51SF
1200
25X51
0.28
3290
3948
3,000
NRLC122M200V30X41SF
1200
30X41
0.28
3280
3936
3,000
NRLC122M200V35X35SF
1200
35X35
0.28
3250
3900
3,000
NRLC152M200V30X51SF
1500
30X51
0.22
3760
4512
3,000
NRLC152M200V35X41SF
1500
35X41
0.22
3710
4452
3,000
NRLC182M200V30X55SF
1800
30X55
0.18
4200
5040
3,000
NRLC182M200V35X45SF
1800
35X45
0.18
4190
5028
3,000
NRLC222M200V35X51SF
2200
35X51
0.15
4780
5736
3,000
NRLC331M220V22X31SF
330
220
22X31
1.01
1450
1740
3,000
NRLC391M220V22X35SF
390
22X35
0.85
1640
1968
3,000
NRLC391M220V25X31SF
390
25X31
0.85
1590
1908
3,000
NRLC471M220V22X35SF
470
22X35
0.71
1870
2244
3,000
NRLC471M220V25X35SF
470
25X35
0.71
1900
2280
3,000
NRLC561M220V22X41SF
560
22X41
0.59
2030
2436
3,000
NRLC561M220V25X35SF
560
25X35
0.59
2170
2604
3,000
NRLC561M220V30X31SF
560
30X31
0.59
1990
2388
3,000
NRLC681M220V22X45SF
680
22X45
0.49
2390
2868
3,000
NRLC681M220V25X41SF
680
25X41
0.49
2330
2796
3,000
NRLC681M220V30X35SF
680
30X35
0.49
2290
2748
3,000
NRLC821M220V25X48SF
820
25X48
0.40
2650
3180
3,000
NRLC821M220V30X41SF
820
30X41
0.40
2590
3108
3,000
NRLC821M220V35X31SF
820
35X31
0.40
2540
3048
3,000
NRLC102M220V30X45SF
1000
30X45
0.33
3060
3672
3,000
NRLC102M220V35X35SF
1000
35X35
0.33
3000
3600
3,000
NRLC122M220V30X51SF
1200
30X51
0.28
3390
4068
3,000
NRLC122M220V35X41SF
1200
35X41
0.28
3360
4032
3,000
NRLC152M220V35X45SF
1500
35X45
0.22
3730
4476
3,000
NRLC182M220V35X51SF
1800
35X51
0.18
4120
4944
3,000
NRLC221M250V22X31SF
220
250
(continue
next page)
22X31
1.51
1130
1356
3,000
NRLC271M250V22X31SF
270
22X31
1.23
1370
1644
3,000
NRLC331M250V22X35SF
330
22X35
1.01
1520
1824
3,000


Similar Part No. - NRLC271M420V30X41SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLC271M420V30X41SF NIC-NRLC271M420V30X41SF Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLC271M420V30X41SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com