Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR7003 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # TR7003
Description  303.825 MHz Hybrid Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TR7003 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  TR7003 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TR7003 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TR7003 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TR7003 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TR7003 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TR7003 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TR7003 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TR7003 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TR7003 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 15
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
TR7003-11062007
Designed for Short-Range Wireless Data Communications
Supports RF Data Transmission Rates Up to 115.2 kbps
3 V, Low Current Operation plus Sleep Mode
Up to 10 mW Transmitter Power
The TR7003 hybrid transceiver is ideal for short-range wireless data applications where robust
operation, small size, low power consumption and low cost are required. The TR7003 employs
RFM’s amplifier-sequenced hybrid (ASH) architecture to achieve this unique blend of character-
istics. All critical RF functions are contained in the hybrid, simplifying and speeding design-in.
The receiver section of the TR7003 is sensitive and stable. A wide dynamic range log detector,
in combination with digital AGC and a compound data slicer, provide robust performance in the
presence of on-channel interference or noise. Two stages of SAW filtering provide excellent re-
ceiver out-of-band rejection. The transmitter includes provisions for both on-off keyed (OOK) and
amplitude-shift keyed (ASK) modulation. The transmitter employs SAW filtering to suppress out-
put harmonics, facilitating compliance with FCC and similar regulations.
Rating
Value
Units
Power Supply and All Input/Output Pins
-0.3 to +4.0
V
Non-Operating Case Temperature
-50 to +100
°C
Soldering Temperature (10 seconds, 5 cycles maximum)
260
°C
303.825 MHz
Hybrid
Transceiver
TR7003
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
fo
303.625
304.025
MHz
Data Modulation Type
OOK/ASK
OOK Data Rate
30
kb/s
ASK Data Rate
576
kb/s
Receiver Performance
Sensitivity, 4.8 kbps, 10-3 BER, AM Test Method
1
-111
dBm
Sensitivity, 4.8 kbps, 10-3 BER, Pulse Test Method
1
-105
dBm
Current, 4.8 kbps
4.2
mA
Sensitivity, 19.2 kbps, 10-3 BER, AM Test Method
1
-107
dBm
Sensitivity, 19.2 kbps, 10-3 BER, Pulse Test Method
1
-101
dBm
Current, 19.2 kbps
4.25
mA
Sensitivity, 115.2 kbps, 10-3 BER, AM Test Method
1
-102
dBm
Sensitivity, 115.2 kbps, 10-3 BER, Pulse Test Method
1
-96
dBm
Current, 115.2 kbps
4.3
mA
Receiver Out-of-Band Rejection, ±5% fo
R±5%
280
dB
Receiver Ultimate Rejection
RULT
2100
dB
Absolute Maximum Ratings
SM3-20H
DEVELOPMENT KIT
(Info Click here)


Similar Part No. - TR7003

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TR7000 RFM-TR7000 Datasheet
145Kb / 14P
   433.92 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR7000 MURATA-TR7000 Datasheet
357Kb / 15P
   433.92 MHz Hybrid Transceiver
TR7001 MURATA-TR7001 Datasheet
367Kb / 15P
   315.00 MHz Hybrid Transceiver
TR7002 MURATA-TR7002 Datasheet
202Kb / 15P
   418.00 MHz Hybrid Transceiver
More results

Similar Description - TR7003

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TR3003 MURATA-TR3003 Datasheet
415Kb / 12P
   303.825 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
TR3003 RFM-TR3003 Datasheet
86Kb / 12P
   303.825 MHz Hybrid Transceiver
TX5003 RFM-TX5003 Datasheet
72Kb / 6P
   303.825 MHz Hybrid Transmitter
DR3103 RFM-DR3103 Datasheet
206Kb / 5P
   303.825 MHz Transceiver Module
RX5003 RFM-RX5003 Datasheet
103Kb / 11P
   303.825 MHz Hybrid Receiver
logo
Murata Manufacturing Co...
DR7003 MURATA-DR7003 Datasheet
412Kb / 7P
   303.825 MHz Transceiver Module
DR7003-EV MURATA-DR7003-EV Datasheet
205Kb / 8P
   303.825 MHz Transceiver Evaluation Module
logo
RF Monolithics, Inc
DR4103 RFM-DR4103 Datasheet
111Kb / 2P
   303.825 MHz Transmitter Module
logo
Murata Manufacturing Co...
RF3210D MURATA-RF3210D Datasheet
574Kb / 2P
   303.825 MHz SAW Filter
DR7003-DK MURATA-DR7003-DK Datasheet
43Kb / 1P
   303.825 MHz Development Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com