Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR8000 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # TR8000
Description  916.5 MHz Hybrid Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TR8000 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button TR8000 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TR8000 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TR8000 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TR8000 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TR8000 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TR8000 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TR8000 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. TR8000 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. TR8000 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 8 of 15
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
TR8000-10182007
LOSyn Bit 7 - This bit is only used in product testing. It should always be
set to 0 for normal operation. The power-on default value of this bit is 0.
LOSyn Bits 6, 5, 4, 3, 2, 1, 0 -These bits have no function in the TR8100
and can be written as either a logic 1 or a logic 0.
Note that data to/from the configuration registers is clocked in/out most
significant bit first (MSB). See the Control Register Read/Write Detail and
Control Register Read/Write Timing Drawings for additional details.
Receiver Turn-On Timing
The maximum time tPR required for the receive function to become
operational at turn-on is influenced by two factors. All receiver circuitry will
be operational 1 ms after the supply voltage reaches 2.2 Vdc. The
BBOUT-CMPIN coupling-capacitor is then DC stabilized in 4 time con-
stants (4*tBBC). The total turn-on time to stable receiver operation for a
10 ms power supply rise time is:
tPR =15 ms +4*tBBC
Receiver Wake-Up Timing
The maximum transition time tSR from the sleep mode to the receive
mode is 4*tBBC, where tBBC is the BBOUT-CMPIN coupling-capacitor
time constant. When the operating temperature is limited to 60°C,
the time required to switch from sleep to receive is dramatically less
for short sleep times, as less charge leaks away from the BBOUT-CMPIN
coupling capacitor.
AGC Timing
The maximum AGC engage time tAGC is 5 µs after the reception of a
-30 dBm RF signal with a 1 µsenvelope rise time.
Peak Detector Timing
The Peak Detector attack time constant is set by the value of the capacitor
at the PKDET pin. The attack time tPKA =CPKD/4167, where
tPKA is in µs and CPKD is in pF. The Peak Detector decay time constant
tPKD = 1000*tPKA.
Data Rate (b/s)
CFG1 Bits 3-0
1200
0000
2400
0001
4800
0010
9600
0011
19200
0100
38400
0101
57600
0110
115200
0111
230400
1000


Similar Part No. - TR8000

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TR8001 RFM-TR8001 Datasheet
148Kb / 14P
   868.35 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR8001 MURATA-TR8001 Datasheet
449Kb / 15P
   868.35 MHz Hybrid Transceiver
logo
ZIEHL industrie-elektro...
TR800WEB ZIEHL-TR800WEB Datasheet
1,023Kb / 4P
   Universal-Relay Type TR800Web 8 Inputs, Operation with Browser via TCP/IP
More results

Similar Description - TR8000

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3181E RFM-RF3181E Datasheet
201Kb / 2P
   916.5 MHz SAW Filter
RO2144D RFM-RO2144D Datasheet
97Kb / 2P
   916.5 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0391B TAI-SAW-TC0391B Datasheet
272Kb / 5P
   SAW Resonator 916.5 MHz
logo
RF Monolithics, Inc
RF3181D RFM-RF3181D Datasheet
63Kb / 2P
   916.5 MHz SAW Filter
RF1181D RFM-RF1181D Datasheet
110Kb / 3P
   916.5 MHz SAW Filter
logo
Murata Manufacturing Co...
RO3144A MURATA-RO3144A Datasheet
462Kb / 2P
   916.5 MHz SAW Resonator
TR8001 MURATA-TR8001 Datasheet
449Kb / 15P
   868.35 MHz Hybrid Transceiver
TR7003 MURATA-TR7003 Datasheet
367Kb / 15P
   303.825 MHz Hybrid Transceiver
TR3006HS MURATA-TR3006HS Datasheet
785Kb / 12P
   314.00 MHz Hybrid Transceiver
TR1001 MURATA-TR1001 Datasheet
235Kb / 12P
   868.35 MHz Hybrid Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com