Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NST06-334-440TRF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NST06-334-440TRF
Description  Surface Mount NTC Thermistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NST06-334-440TRF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NST06-334-440TRF Datasheet HTML 1Page - NIC-Components Corp. NST06-334-440TRF Datasheet HTML 2Page - NIC-Components Corp. NST06-334-440TRF Datasheet HTML 3Page - NIC-Components Corp. NST06-334-440TRF Datasheet HTML 4Page - NIC-Components Corp. NST06-334-440TRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
70
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Type
A
B
W
F
E
P
1
P
0
φDT
1
NST04
0.65 ±0.05
1.15 ±0.05
8.00 ±0.30
3.50 ±0.05
1.75 ±0.10
2.00 ±0.05
4.00 ±0.10
1.5 +0.1/-0
0.80 max.
NST06
1.00 ±0.10
1.80 ±0.10
4.00 ±0.10
1.10 max.
NST10
1.50 ±0.10
2.30 ±0.10
Type
A ± 2.0
B ± 2.0
C ±0.20
W ±1.5
Quantity
NST04
178
58
13.5
9.0
10,000
NST06
4,000
NST10
CARRIER TAPE DIMENSIONS (mm)
REEL DIMENSIONS (mm) AND QUANTITY
Surface Mount NTC Thermistors
NST Series
φD
P
0
W
F
AP
1
t
1
B
Type
A
B
C
NST04
0.45 ~ 0.55
0.40 ~ 0.50
0.45 ~ 0.55
NST06
0.6 ~ 0.8
0.6 ~ 0.8
0.6 ~ 0.8
NST10
0.8 ~ 1.2
0.8 ~ 1.2
0.9 ~ 1.6
LAND PATTERN DIMENSIONS (mm)
B
C
W
A
RECOMMENDED REFLOW
SOLDERING TEMPERATURE PROFILE
200
300
250
50
150
100
0
150°C ~ 190°C
90 seconds max.
Time Above
240°C
40 seconds
max.
Peak Temperature 255°C~260°C/5 sec.
B
A
C
B


Similar Part No. - NST06-334-440TRF

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NST04 MICRONETICS-NST04 Datasheet
452Kb / 2P
   BROADBAND COAXIAL MICROWAVE NOISE SOURCES
NST04-A MICRONETICS-NST04-A Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 10 MHz to 4000 MHz
NST04-B MICRONETICS-NST04-B Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 10 MHz to 4000 MHz
NST04L MICRONETICS-NST04L Datasheet
452Kb / 2P
   BROADBAND COAXIAL MICROWAVE NOISE SOURCES
NST04L-A MICRONETICS-NST04L-A Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 10 MHz to 4000 MHz
More results

Similar Description - NST06-334-440TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232261545472 VISHAY-232261545472 Datasheet
137Kb / 10P
   Surface Mount, NTC Thermistors
Revision: 16-Jan-04
logo
NIC-Components Corp.
NCT NIC-NCT Datasheet
39Kb / 2P
   Surface Mount NTC Thermistors
logo
Vishay Siliconix
23226152 VISHAY-23226152 Datasheet
83Kb / 5P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
23226153 VISHAY-23226153 Datasheet
114Kb / 11P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
23226151 VISHAY-23226151 Datasheet
114Kb / 11P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
232261554222 VISHAY-232261554222 Datasheet
115Kb / 11P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
NTHS VISHAY-NTHS Datasheet
98Kb / 3P
   NTC Thermistors, Surface Mount Chip
Revision 06-Oct-06
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com