Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLUW221M315V25X25SF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRLUW221M315V25X25SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLUW221M315V25X25SF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRLUW221M315V25X25SF Datasheet HTML 1Page - NIC-Components Corp. NRLUW221M315V25X25SF Datasheet HTML 2Page - NIC-Components Corp. NRLUW221M315V25X25SF Datasheet HTML 3Page - NIC-Components Corp. NRLUW221M315V25X25SF Datasheet HTML 4Page - NIC-Components Corp. NRLUW221M315V25X25SF Datasheet HTML 5Page - NIC-Components Corp. NRLUW221M315V25X25SF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Voltage
(VDC)
Cap
(µF)
Case Size
D x L (mm)
Dissipation
Factor
Max. Leakage
Current (µA)
Max. Ripple Current
(Arms @ 105°C)
120Hz
10KHz ~ up
NRLUW331M200V22X25SF
200
330
22X25
0.2
770
1.31
1.96
NRLUW391M200V22X30SF
390
22X30
0.2
837
1.32
1.98
NRLUW471M200V22X30SF
470
22X30
0.2
919
1.54
2.31
NRLUW471M200V25X25SF
470
25X25
0.2
919
1.54
2.31
NRLUW561M200V22X35SF
560
22X35
0.2
1003
1.75
2.62
NRLUW561M200V25X30SF
560
25X30
0.2
1003
1.75
2.62
NRLUW681M200V22X40SF
680
22X40
0.2
1106
1.96
2.94
NRLUW681M200V25X35SF
680
25X35
0.2
1106
1.79
2.68
NRLUW681M200V30X25SF
680
30X25
0.2
1106
1.46
2.19
NRLUW821M200V22X50SF
820
22X50
0.2
1214
2.15
3.22
NRLUW821M200V25X40SF
820
25X40
0.2
1214
2.03
3.04
NRLUW821M200V30X30SF
820
30X30
0.2
1214
1.77
2.65
NRLUW821M200V35X25SF
820
35X25
0.2
1214
1.59
2.38
NRLUW102M200V25X45SF
1000
25X45
0.2
1341
2.26
3.39
NRLUW102M200V30X35SF
1000
30X35
0.2
1341
2.06
3.09
NRLUW102M200V35X30SF
1000
35X30
0.2
1341
1.93
2.89
NRLUW122M200V25X50SF
1200
25X50
0.2
1469
2.34
3.51
NRLUW122M200V30X40SF
1200
30X40
0.2
1469
2.34
3.51
NRLUW122M200V35X30SF
1200
35X30
0.2
1469
2.22
3.33
NRLUW152M200V30X45SF
1500
30X45
0.2
1643
2.60
3.90
NRLUW152M200V35X35SF
1500
35X35
0.2
1643
2.56
3.84
NRLUW182M200V30X50SF
1800
30X50
0.2
1800
2.85
4.27
NRLUW182M200V35X40SF
1800
35X40
0.2
1800
2.85
4.27
NRLUW222M200V35X50SF
2200
35X50
0.2
1989
3.14
4.71
NRLUW271M220V22X25SF
220
270
22X25
0.2
731
1.04
1.56
NRLUW331M220V22X30SF
330
22X30
0.2
808
1.26
1.89
NRLUW391M220V22X30SF
390
22X30
0.2
878
1.47
2.20
NRLUW391M220V25X25SF
390
25X25
0.2
878
1.21
1.81
NRLUW471M220V22X35SF
470
22X35
0.2
964
1.64
2.46
NRLUW471M220V25X30SF
470
25X30
0.2
964
1.47
2.20
NRLUW561M220V22X40SF
560
22X40
0.2
1052
1.86
2.79
NRLUW561M220V25X30SF
560
25X30
0.2
1052
1.71
2.56
NRLUW561M220V30X25SF
560
30X25
0.2
1052
1.41
2.11
NRLUW681M220V22X45SF
680
22X45
0.2
1160
2.05
3.07
NRLUW681M220V25X35SF
680
25X35
0.2
1160
1.94
2.91
NRLUW681M220V30X30SF
680
30X30
0.2
1160
1.71
2.56
NRLUW821M220V25X40SF
820
25X40
0.2
1274
2.16
3.24
NRLUW821M220V30X30SF
820
30X30
0.2
1274
1.99
2.98
NRLUW821M220V35X25SF
820
35X25
0.2
1274
1.89
2.83
NRLUW102M220V25X45SF
1000
25X45
0.2
1407
2.37
3.55
NRLUW102M220V30X35SF
1000
30X35
0.2
1407
2.26
3.39
NRLUW102M220V35X30SF
1000
35X30
0.2
1407
2.15
3.22
NRLUW122M220V30X40SF
1200
30X40
0.2
1541
2.51
3.76
NRLUW122M220V35X35SF
1200
35X35
0.2
1541
2.48
3.72
Large Can Aluminum Electrolytic Capacitors
NRLUW Series


Similar Part No. - NRLUW221M315V25X25SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLUW221M315V25X25SF NIC-NRLUW221M315V25X25SF Datasheet
95Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLUW221M315V25X25SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com