Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRE-WY3R3M400V8X16F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRE-WY3R3M400V8X16F
Description  Miniature Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-WY3R3M400V8X16F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRE-WY3R3M400V8X16F Datasheet HTML 1Page - NIC-Components Corp. NRE-WY3R3M400V8X16F Datasheet HTML 2Page - NIC-Components Corp. NRE-WY3R3M400V8X16F Datasheet HTML 3Page - NIC-Components Corp. NRE-WY3R3M400V8X16F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Cap. (µF) Code
Working Voltage (VDC)
10
16
25
35
50
63
100
200
400
1.0
1R0
-
-
-
-
-
-
-
-
6.3X11
8X11.5
1.5
1R5
-
-
-
-
-
-
-
-
6.3X11
8X16
1.8
1R8
-
-
-
-
-
-
-
-
6.3X11
8X16
2.2
2R2
-
-
-
-
-
-
-
-
8X11.5
8X16
8X20
2.7
2R7
-
-
-
-
-
-
-
-
8X16
8X20
3.3
3R3
-
-
-
-
-
-
-
-
8X16
8X20
4.7
4R7
-
-
-
-
8X11.5
-
8X11.5
6.3X11
8X20
8X11.5
10X16
5.6
5R6
-
-
-
-
-
-
-
8X11.5
10X16
8X16
10X20
6.8
6R8
-
-
-
-
-
-
-
8X11.5
10X20
8X16
10
10
-
-
-
-
8X11.5
-
8X11.5
8X16
-
8X20
15
150
-
-
-
-
-
-
-
8X16
-
8X20
22
220
-
-
-
-
8X11.5
-
8X11.5
8X20
-
10X16
33
330
-
-
-
-
8X11.5
8X11.5
10X12.5
10X20
-
47
470
-
-
-
-
8X11.5
10X12.5
10X16
-
-
100
101
-
-
-
8X11.5
10X12.5
10X16
12.5X20
-
-
220
221
-
-
8X11.5
10X12.5
10X20
12.5X20
16X25
-
-
330
331
8X11.5
8X11.5
10X12.5
10X16
12.5X20
12.5X25
16X31.5
-
-
470
471
10X12.5
10X12.5
10X16
10X20
12.5X25
16X25
18X31.5
-
-
1000
102
10X20
10X20
12.5X20
12.5X25
16X31.5
16X31.5
-
-
-
1500
152
-
-
-
-
-
18X40
-
-
-
2200
222
12.5X25
12.5X25
16X31.5
16X35.5
18X40
-
-
-
-
3300
332
16X25
16X31.5
16X35.5
18X35.5
-
-
-
-
-
4700
472
16X31.5
16X35.5
-
-
-
-
-
-
-
STANDARD PRODUCT AND CASE SIZE D φxL (mm)
DIAMETER AND LEADSPACE (mm)
Case Dia. (Dφ)
6.3
8
10
12.5
16
18
Lead Dia. (dφ)
0.5
0.6
0.8
Lead Spacing (F)
2.5
3.5
5.0
7.5
Dim. α
0.5
1.0
Dim. β
2.0
Miniature Aluminum Electrolytic Capacitors
NRE-WY Series
DIMENSIONS (mm)
dφ ± 0.05
Sleeve
F ± 0.5
Dφ ± α
4mm
Min.
15mm Min.
L + β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
-
+


Similar Part No. - NRE-WY3R3M400V8X16F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-WY3R3M400V8X16F NIC-NRE-WY3R3M400V8X16F Datasheet
253Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-WY3R3M400V8X16F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com