Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTRC10D1002DTRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NTRC10D1002DTRF
Description  Anti-Corrosive Thin Film Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTRC10D1002DTRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NTRC10D1002DTRF Datasheet HTML 1Page - NIC-Components Corp. NTRC10D1002DTRF Datasheet HTML 2Page - NIC-Components Corp. NTRC10D1002DTRF Datasheet HTML 3Page - NIC-Components Corp. NTRC10D1002DTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
31
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Anti-Corrosive Thin Film Chip Resistors
NTRC Series
Type
EIA
Case Size
AB
C
NTRC04
0402
0.5
0.5
0.60 ± 0.2
NTRC06
0603
0.8
1.0
0.90 ± 0.2
NTRC10
0805
1.0
1.0
1.35 ± 0.2
NTRC12
1206
2.0
1.15
1.70 ± 0.2
NTRC50
2010
3.6
1.4
2.50 ± 0.2
NTRC100
2512
4.9
1.6
3.10 ± 0.2
B
C
A
LAND PATTERN DIMENSIONS (mm)
REFLOW SOLDERING TEMPERATURE PROFILE
200
300
260
50
150
100
0
120 Sec.
10 sec. max.
Peak Temperature 260°C
220
Time above 230°C
40 sec. max.


Similar Part No. - NTRC10D1002DTRF

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
NTRC GREYSTONE-NTRC Datasheet
229Kb / 2P
   ROOM NETWORK TEMPERATURE AND HUMIDITY SENSOR
NTRC GREYSTONE-NTRC Datasheet
229Kb / 2P
   ROOM NETWORK TEMPERATURE AND HUMIDITY SENSOR
More results

Similar Description - NTRC10D1002DTRF

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
SFXXT WALSIN-SFXXT Datasheet
1Mb / 10P
   Anti-Sulfuration Thin Film Chip Resistors
SFXXQ WALSIN-SFXXQ Datasheet
1Mb / 10P
   Anti-Sulfuration Thin Film Chip Resistors
logo
NIC-Components Corp.
NTR NIC-NTR Datasheet
114Kb / 5P
   Thin Film Chip Resistors
logo
Token Electronics Indus...
PR02DTRC31002 TOKEN-PR02DTRC31002 Datasheet
423Kb / 5P
   PR Anti-Corrosive Chip Resistor
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com